Electronic Components Datasheet Search
  English  ▼

X  

42094 Datasheet(PDF) 2 Page - Micropac Industries

Part # 42094
Description  POSITIVE HIGH TEMPERATURE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

42094 Datasheet(HTML) 2 Page - Micropac Industries

  42094 Datasheet HTML 1Page - Micropac Industries 42094 Datasheet HTML 2Page - Micropac Industries 42094 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
12/13/01
2
42094
POSITIVE HIGH TEMPERATURE REGULATOR
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
TEMPERATURE
CASE TEMP
TYPICAL
*Output Voltage
IOUT = 300 mA
VIN = VOUT +3VDC
+25°C to +200°C
VOUT ±1.0%
*Line Regulation
VIN = VOUT +3VDC
to VIN = 38 VDC
IOUT = 50 mA
+25°C to +200°C
VOUT ±0.3%
Load Regulation
VIN = VOUT +5VDC
IOUT = 50 to 300mA
+25°C to +200°C
VOUT ±0.5%
Ripple Rejection at 120 Hz
VIN = VOUT +5VDC
+25°C
-60db
Standby Current
VIN = VOUT +5VDC
IOUT = 0
+25°C
30mA
Short Circuit Current
VIN = VOUT +5VDC
+25°C
400mA
Short Circuit Current
VIN = VOUT +5VDC
+200°C
200mA
Foldback Current (knee)
VIN = VOUT +5VDC
+25°C
2A
Foldback Current (knee)
VIN = VOUT +5VDC
+200°C
1.5A
Noise Output
VIN = VOUT +5VDC
IOUT = 300 mA
+25°C
2mVRMS
Differential Voltage
* ( ∆V= VIN – VOUT )
IOUT = 300 mA
+25°C to +200°C
3VDC MIN
* VIN = 10V Min



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com