Electronic Components Datasheet Search
  English  ▼

X  

42106 Datasheet(PDF) 2 Page - Micropac Industries

Part # 42106
Description  OPERATIONAL AMPLIFIER DSCC DWG 5962-8762001
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

42106 Datasheet(HTML) 2 Page - Micropac Industries

  42106 Datasheet HTML 1Page - Micropac Industries 42106 Datasheet HTML 2Page - Micropac Industries 42106 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
05/16/01
42106
OPERATIONAL AMPLIFIER DESC DWG #5962-8762001
Mechanical Configuration
A
C
K
B
E
R
J
H
Q
G
D
SEATING PLANE
F
1
2 3
4
5
6
7
8
Note: Leads in true position with 0.010” (0.25mm) R at MMC at seating plane
Pin Numbers shown for reference only. Numbers may not be marked on package.
INCHES
MILLIMETERS
ELECTRICAL
CONNECTIONS
DIM
MIN
MAX
MIN
MAX
Pin 1
Output 1
A
1.510
1.550
38.35
39.37
Pin 2
CL
+
B
.745
.770
18.92
19.56
Pin 3
+VC
C
.260
.300
6.60
7.62
Pin 4
+IN
D
.038
.042
0.97
1.07
Pin 5
-IN
E
.080
.105
2.03
2.67
Pin 6
-VC
F
40º BASIC
40º BASIC
Pin 7
N.C.
G
.500 BASIC
12.7 BASIC
Pin 8
CL-
H
1.186 BASIC
30.12 BASIC
J
.583 BASIC
15.08 BASIC
K
.400
.500
10.16
12.70
Q
.151
.161
3.84
4.09
R
.980
1.020
24.89
25391



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com