Electronic Components Datasheet Search
  English  ▼

X  

42118 Datasheet(PDF) 2 Page - Micropac Industries

Part # 42118
Description  POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

42118 Datasheet(HTML) 2 Page - Micropac Industries

  42118 Datasheet HTML 1Page - Micropac Industries 42118 Datasheet HTML 2Page - Micropac Industries 42118 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
08/03/01
42118
POSITIVE HIGH TEMPERATURE, FIXED VOLTAGE REGULATOR
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
TEMPERATURE
TYPICAL
*Output voltage
IOUT = 1.0 A
VIN = VOUT +3 VDC
+25°C to +200°C
VOUT ±1.0%
*Line regulation
VIN = (VOUT +3 VDC)
to +38 DC
IOUT = 50 mA
+25°C to +200°C
VOUT ±0.5%
Load regulation
VIN = VOUT +5 VDC
IOUT = 0.05 to 1.0 A
+25°C to +200°C
VOUT ±0.5% @ 25ºC
± 1.0% @ 200ºC
Ripple rejection at 120 Hz
VIN = VOUT +5 VDC
IL= 300 mA
+25°C
-50 dB
Standby current
VIN = VOUT +5 VDC
IOUT = 0
+25°C
30 mA
Short circuit current
VIN = VOUT +5 VDC
+25°C
400 mA
Short circuit current
VIN = VOUT +5 VDC
+200°C
200 mA
Foldback current (knee)
VIN = VOUT +5 VDC
+25°C
2 A
Foldback current (knee)
VIN = VOUT +5 VDC
+200°C
1.5 A
Noise output
VIN = VOUT +5 VDC
IOUT = 300 mA
+25°C
2 mVRMS
Differential voltage
( ∆V= VIN – VOUT )
IOUT = 300 mA
+25°C to +200°C
3 VDC MIN
*VIN = 10V Min
TABLE 1 (see note)
TYPE
VOUT (volts)
MAX IOUT (amps)
IKNEE TYP
(amps at
25°C)
42118-005
5
1.0
2.0
42118-012
12
1.0
2.0
42118-015
15
1.0
2.0
42118-018
18
1.0
2.0
42118-024
24
1.0
2.0
42118-030
30
1.0
2.0
NOTE: Under condition (VIN – VOUT) x lOUT ≤ 8 watts at 200°C
Option: 1) Other output voltage available
2) MIL-STD-883 type screening available



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com