Electronic Components Datasheet Search
  English  ▼

X  

42141 Datasheet(PDF) 2 Page - Micropac Industries

Part # 42141
Description  POSITIVE REGULATOR 5 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

42141 Datasheet(HTML) 2 Page - Micropac Industries

  42141 Datasheet HTML 1Page - Micropac Industries 42141 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
05/22/01
42141
POSITIVE REGULATOR + 5 VOLTS
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
CASE
TEMPERATURE
TYPICAL
Output Voltage
IOUT = 150 mA
VIN = VOUT +3VDC
0°C to +200°C
VOUT ± 1.0%
Line Regulation
VIN = VOUT +3VDC
IOUT = 50 mA
0°C to +200°C
VOUT ± 0.3%
Load Regulation
VIN = VOUT +5VDC
IOUT = 50 to 150 mA
0°C to +200°C
VOUT ± 0.5%
Ripple Rejection at 120 Hz
VIN = VOUT +5VDC
+25°C
-55 db
Standby Current
VIN = VOUT +5VDC
IOUT =
0
+25°C
20 mA
Short Circuit Current
VIN = VOUT +5VDC
+25°C
150 mA
Foldback Current
VIN = VOUT +5VDC
+25°C
450 mA
Differential Voltage
( ∆V= VIN – VOUT )
IOUT = 150 mA
+25°C to +200°C
3V Min.
NOTE: Under condition VIN – VOUT x lOUT ≤ 2.0 watts using EG&G Wakefield Engineering Model 215 Heatsink or 1.5 watts without Heatsink.
TYPICAL CONNECTION DIAGRAM
D1
INPUT
OUTPUT
-
COMMON
-
2uf
+
+
+
RECTIFIED
VOUT
REGULATED
AS REQUESTED
VIN
AS REQUESTED
HEADER
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com