Electronic Components Datasheet Search
  English  ▼

X  

42143 Datasheet(PDF) 2 Page - Micropac Industries

Part # 42143
Description  RADIATION TOLERANT POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

42143 Datasheet(HTML) 2 Page - Micropac Industries

  42143 Datasheet HTML 1Page - Micropac Industries 42143 Datasheet HTML 2Page - Micropac Industries 42143 Datasheet HTML 3Page - Micropac Industries 42143 Datasheet HTML 4Page - Micropac Industries 42143 Datasheet HTML 5Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com 05/17/01
PRELIMINARY DATA SHEET
42143
Radiation Tolerant Power Operational Amplifier
ELECTRICAL SPECIFICATIONS (Pre-Irradiation)
VS = ± 15 V, TC = -55°C to +125°C unless otherwise specified
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Input Offset Voltage
VOS
± 25
± 200
µV
Input Offset Voltage Drift

± 5
µV/°C
Input Bias Current
IB+, IB-
± 15
± 80
nA
Input Offset Current
IOS
10
75
nA
DC Open Loop Gain
AVOL
100
126
dB
RL > 2 kΩ, VO = ± 10V
Common-Mode Input Voltage
Range
VCM
± 10.3
± 12.3
V
Common-Mode Rejection Ratio
CMRR
100

dB
VCM = ± 9 VDC
RL = 10 kΩ
Gain Bandwidth Product
(5)
GBW
1
MHz
Phase Margin
(5)
ΦM
45
deg.
RL = 10 kΩ
(small signal)
Slew Rate
SR
2

V/
µs
RL = 100 Ω
RCL = 0.4 Ω
Output Voltage Swing
VO
± 12
± 10

V
RL = 10 kΩ
RL = 5 Ω
Quiescent Current
IQ
47
mA
RL = ∞ Ω
Thermal Resistance
θJA
30
°C/W
* All typical values are at TC = 25°C
Notes:
1. For VS less than ± 22 V, the input voltage is not to exceed ± VS.
2. Input current must not exceed 25 mA
3. It is recommended that external current limiting resistors (
± RCL ≥ 0.4 Ω) be used to ensure that 2.0 A is
not exceeded. See Figures 1, 2 and 4 for RCL application information.
4. Case Temperature TC = 25°C (see Figure 3).
5. Guaranteed by design.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com