Electronic Components Datasheet Search
  English  ▼

X  

42144 Datasheet(PDF) 2 Page - Micropac Industries

Part # 42144
Description  RADIATION TOLERANT FULL BRIDGE POWER DRIVER HYBRID FOR 3-PHASE BRUSHLESS DC MOTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

42144 Datasheet(HTML) 2 Page - Micropac Industries

  42144 Datasheet HTML 1Page - Micropac Industries 42144 Datasheet HTML 2Page - Micropac Industries 42144 Datasheet HTML 3Page - Micropac Industries 42144 Datasheet HTML 4Page - Micropac Industries 42144 Datasheet HTML 5Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION • 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: HYBRIDSALES @ MICROPAC.COM
5/22/02
Pg. 2 of 5
PRELIMINARY DATA SHEET
42144
Full Bridge Power Driver Hybrid
RECOMMENDED OPERATING CONDITIONS:
Parameter
Symbol
Min.
Max.
Units
Motor Supply Voltage
VM
50
VDC
Continuous Output Current
IO (ON)
2
A
Input Voltage (off)
VF (OFF)
0
1
VDC
Operating Case Temperature
TC
-55
125
°C
ELECTRICAL SPECIFICATIONS
TC= 25°C unless otherwise specified
Switching Characteristics (N-Channel, lower switches)
CHARACTERISTICS
SYM.
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Turn-On Delay Time
td(ON)
25
ns
VM = 24VDC, IM = 2A,
Rise Time
tr
55
ns
VM = 24VDC, IM = 2A
Turn-Off Delay Time
td(OFF)
55
ns
VM = 24VDC, IM = 2A
Fall Time
tf
45
ns
VM = 24VDC, IM = 2A
On-State Resistance
RDS(ON)
0.20
ohms
VM = 24VDC, IM = 2A
Switching Characteristics (P-Channel, upper switches)
CHARACTERISTICS
SYM.
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Turn-On Delay Time
td(ON)
30
ns
VM = 24VDC, IM = 2A
Rise Time
tr
50
ns
VM = 24VDC, IM = 2A
Turn-Off Delay Time
td(OFF)
70
ns
VM = 24VDC, IM = 2A
Fall Time
tf
70
ns
VM = 24VDC, IM = 2A
On-State Resistance
RDS(ON)
0.35
ohms
VM = 24VDC, IM = 2A
Diode Characteristics
CHARACTERISTICS
SYM.
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Forward Voltage
VF
0.6
VDC
VM = 24VDC, IM = 2A
Forward Time
tr
TBD
ns
VM = 24VDC, IM = 2A
Reverse Recovery Time
trr
TBD
ns
VM = 24VDC, IM = 2A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com