Electronic Components Datasheet Search
  English  ▼

X  

4N47 Datasheet(PDF) 2 Page - Micropac Industries

Part # 4N47
Description  JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

4N47 Datasheet(HTML) 2 Page - Micropac Industries

  4N47 Datasheet HTML 1Page - Micropac Industries 4N47 Datasheet HTML 2Page - Micropac Industries 4N47 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E.Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 15
4N47, 4N48, and 4N49
JAN, JANTX, JANTXV, JANS, SINGLE CHANNEL OPTOCOUPLERS
*ELECTRICAL CHARACTERISTICS TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Diode Static Reverse Current
IR
100
µA
VR = 2V
Input Diode Static Forward Voltage
-55°C
+25°C
+100°C
VF
1.0
0.8
0.7
1.4
1.7
1.5
1.3
V
IE = 10mA
*OUTPUT TRANSISTOR
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Collector-Base Breakdown Voltage
V(BR)CBO
45
V
IC = 100µA, IB = 0, IF = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
V
IC = 1mA, IB = 0, IF = 0
Emitter-Collector Breakdown Voltage
V(BR)EBO
7
V
IC = 0, IE = 100µA, IF = 0
*COUPLED CHARACTERISTICS
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
On State Collector Current
4N47
4N48
4N49
IC(ON)
0.5
1.0
2.0
5
10
mA
VCE = 5V, IB = 0, IF = 1mA
On State Collector Current
4N47
-55°C
4N48
4N49
IC(ON)
0.7
1.4
2.8
mA
VCE = 5V, IB = 0, IF = 2mA
On State Collector Current
4N47
+100°C
4N48
4N49
IC(ON)
0.5
1.0
2.0
mA
VCE = 5V, IB = 0, IF = 2mA
2
Off State Collector Current
+25°C
IC(OFF)
100
nA
VCE = 20V, IB = 0, IF = 0mA
Off State Collector Current
+100°C
IC(OFF)
100
µA
VCE = 20V, IB = 0, IF = 0mA
Collector-Emitter Saturation Voltage
4N47
4N48
4N49
VCE(SAT)
VCE(SAT)
VCE(SAT)
0.3
0.3
0.3
V
V
V
IC = 0.5mA, IB = 0, IF = 2mA
IC = 1mA, IB = 0, IF = 2mA
IC = 2mA, IB = 0, IF = 2mA
Input to Output Resistance
RI-O
10
11
VIN-OUT = 1kV
1
Input to Output Capacitance
CI-O
5
pF
f = 1MHz, VIN-OUT = 1kV
1
Rise Time/ Fall Time
4N47
Phototransistor Operation
4N48
4N49
tr / tf
tr / tf
tr / tf
20
25
25
µs
µs
µs
VCC = 10V, IF = 10mA, RL = 100Ω
Rise Time/ Fall Time
4N47
Photodiode Operation
4N48
4N49
tr / tf
tr / tf
tr / tf
0.85
0.85
0.85
µs
µs
µs
VCC = 10V, IF = 10mA, RL = 100Ω
NOTES:
1.
These parameters are measured between all phototransistor leads shorted together and with both input diode leads shorted together.
2.
This parameter measured using pulse techniques tw =100µs, duty cycle < 1%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com