Electronic Components Datasheet Search
  English  ▼

X  

FCDN608 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FCDN608
Description  1-Channel ESD Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCDN608 Datasheet(HTML) 1 Page - ON Semiconductor

  FCDN608 Datasheet HTML 1Page - ON Semiconductor FCDN608 Datasheet HTML 2Page - ON Semiconductor FCDN608 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 3
1
Publication Order Number:
FCDN608−UBM/D
FCDN608-UBM
1-Channel ESD Protector
Product Description
The FCDN608-UBM provides robust ESD protection for sensitive
parts that may be subjected to electrostatic discharge (ESD). The tiny
form factor and single pad allows it to be used in very confined spaces.
The electrical ‘back-to-back zener’ configuration provides
symmetrical ESD protection in cases where nodes with AC signals are
present. This device is designed and characterized to safely dissipate
ESD strikes of at least 15 kV, according to the MIL-STD-883
(Method 3015) specification for Human Body Model (HBM) ESD.
Features
Compact Die Protects from ESD Discharges
Almost No Conduction at Signal Amplitudes Less than 5V
ESD Protection to over 15 kV (Human Body Model HBM) per
MIL_STD_883 International ESD Standard
Applications
LED Lighting
Modules
Interface Circuits
Signal
Node
Reference Node
(Backside is the Bare Silicon)
Figure 1. Electrical Schematic and Top View
Signal
Node
Reference
Node
1
2
3
3
2
1
4
Test Point
(Green Pad)
DAP
Wirebond Pad
Top View
http://onsemi.com
ORDERING INFORMATION
For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - FCDN608

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FCDN605 ONSEMI-FCDN605 Datasheet
304Kb / 3P
1-Channel ESD Protector
April, 2011 ??Rev. 3
FCDN605-UBM ONSEMI-FCDN605-UBM Datasheet
304Kb / 3P
1-Channel ESD Protector
April, 2011 ??Rev. 3
More results

Similar Description - FCDN608

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A Datasheet
437Kb / 14P
1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
CM1214 ONSEMI-CM1214 Datasheet
468Kb / 8P
1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
CM1771 ONSEMI-CM1771 Datasheet
87Kb / 3P
1-Channel ESD Protector
October, 2011 ??Rev. P6
CM1773-5006YL ONSEMI-CM1773-5006YL Datasheet
86Kb / 3P
1-Channel ESD Protector
November, 2011 ??Rev. P1
FCDN605 ONSEMI-FCDN605 Datasheet
304Kb / 3P
1-Channel ESD Protector
April, 2011 ??Rev. 3
FCDN614 ONSEMI-FCDN614 Datasheet
220Kb / 4P
1-Channel ESD Protector
June, 2012 ??Rev. 4
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
1-Channel ESD Protector
February, 2015 ??Rev. 0
HBL2020 ONSEMI-HBL2020 Datasheet
47Kb / 3P
1-Channel ESD Protector
June, 2015 ??Rev. 0
CM1214A ONSEMI-CM1214A_16 Datasheet
362Kb / 9P
1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com