Electronic Components Datasheet Search
  English  ▼

X  

KAI-1003 Datasheet(PDF) 9 Page - ON Semiconductor

Part # KAI-1003
Description  Interline CCD Image Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-1003 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button KAI-1003 Datasheet HTML 5Page - ON Semiconductor KAI-1003 Datasheet HTML 6Page - ON Semiconductor KAI-1003 Datasheet HTML 7Page - ON Semiconductor KAI-1003 Datasheet HTML 8Page - ON Semiconductor KAI-1003 Datasheet HTML 9Page - ON Semiconductor KAI-1003 Datasheet HTML 10Page - ON Semiconductor KAI-1003 Datasheet HTML 11Page - ON Semiconductor KAI-1003 Datasheet HTML 12Page - ON Semiconductor KAI-1003 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
KAI−1003
www.onsemi.com
9
DEFECT SPECIFICATIONS
Defect Test Conditions
Temperature:
40
°C
Integration Time:
33 ms (20 MHz HCCD Frequency, No Binning, 30 fps Frame Rate)
Light Source:
Continuous Green Light Centered at 550 nm
Operation:
Nominal Voltages and Timing
Table 7. DEFECT DEFINITIONS
Name
Maximum
Number
Definition
Major Defective Pixel
20
A pixel whose signal deviates by more than 25 mV from the mean value of all active pixels
under dark field condition or by more than 8% from the mean value of all active pixels
under uniform illumination at 105 ke− output signal.
Minor Defective Pixel
100
A pixel whose signal deviates by more than 8 mV from the mean value of all active pixels
under dark field condition.
Cluster Defect
4
A group of 2 to 6 contiguous major defective pixels, but no more than 2 adjacent defects
horizontally.
Column Defect
0
A group of more than 6 contiguous major defective pixels along a single column.
Defect Proximity
Minimum Distance between Defective Clusters:
2 Pixels in All Directions without Major Pixel Defects
Minimum Distance between Defective Columns:
3 Columns without Column Defects or Cluster Defects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com