Electronic Components Datasheet Search
  English  ▼

X  

52280 Datasheet(PDF) 1 Page - Micropac Industries

Part # 52280
Description  True Hermetically Sealed Proportionally Controlled Metal Package Heater Hybrids
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

52280 Datasheet(HTML) 1 Page - Micropac Industries

  52280 Datasheet HTML 1Page - Micropac Industries 52280 Datasheet HTML 2Page - Micropac Industries 52280 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
12/17/01
1
True Hermetically Sealed Proportionally Controlled
Metal Package Heater Hybrids
Mii
HYBRID MICROELECTRONICS
PRODUCTS DIVISION
Features:
•
Self-contained
•
Programmable via a single external resistor
•
Available in 28 watt and 48 watt versions
Standard products
Applications:
•
Ideal for microwave oscillators
•
Telecommunications
•
Other areas where temperature control is needed
DESCRIPTION
The Mii heater is a self-contained hybrid circuit heater programmable for temperature by a single external resistor. These
systems are ideal for microwave oscillators, telecommunications and other areas where temperature control is needed.
Metal package heaters are available in 28 watt and 40 watt versions..
Typical Electrical Characteristics for DC Metal Package Heater
Mii P/N 52280-2 …………………………………………………………….……………………….……..…. 28 VDC Input, 28 Watts
Mii P/N 52280-1 …………………………………………………………….…………………………...……. 28 VDC Input, 40 Watts
Operating Voltage Range (See Note 1) ………………………………………………………………………..…………. 28± 1 VDC
Voltage Limits ……………………………………………………………………………………………... 24 VDC Min, 32 VDC Max
Reverse Voltage Protection …………………………………………………………………………..………….………… to 50 VDC
Operating Current Range ………………………………………………………………….…………………..……… 0.005 to 1.00 A
Turn-on Current ………………………………………………………………………………………….…….……………… to 1.00 A
Quiescent Current ……………………………………………………………………………………………..…….. Less than .005 A
Typical Temperature Characteristics
Control Range …………………………………………………………………………………………..……………. +50°C to +100°C
Variation with Load (See Note 2) ……………………………………………………………………………………...…… 10° C Max
Input Voltage Variation (See Note 3) ……………………………………………………...…………………….…..…………… ±2°C
Maximum Control Temperature (See Note 4) ………………………………………………………………….…………….. +120°C
Environmental Characteristics
Operating Temperature ………………………………………………………………………………………….…… -55°C to +100°C
Altitude ……………………………………………………………………………………………………………….….. 70,000 Ft. Max
Shock ………………………………………………………………………………………………………………….……… 200G Max
Vibration ………………………………………………………………………………………………….………. 50G at 2,000 Hz Max
Humidity ……………………………………………………………………………………………………………… Greater than 95%


Similar Part No. - 52280

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
5228-DS04-R BOARDCOM-5228-DS04-R Datasheet
1Mb / 100P
10/100BASE-TX/FX Octal Transceiver
5228-DS05-R BOARDCOM-5228-DS05-R Datasheet
1Mb / 100P
10/100BASE-TX/FX Octal Transceiver
5228-DS06-R BOARDCOM-5228-DS06-R Datasheet
1Mb / 100P
10/100BASE-TX/FX Octal Transceiver
5228-DS07-R BOARDCOM-5228-DS07-R Datasheet
1Mb / 100P
10/100BASE-TX/FX Octal Transceiver
5228-DS08-R BOARDCOM-5228-DS08-R Datasheet
1Mb / 100P
10/100BASE-TX/FX Octal Transceiver
More results

Similar Description - 52280

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
51974 MICROPAC-51974 Datasheet
512Kb / 6P
True Hermetically Sealed Proportionally Controlled Heater Hybrids
logo
List of Unclassifed Man...
HY-7110 ETC1-HY-7110 Datasheet
182Kb / 2P
Miniature Proportionally Controlled Heater
DN511 ETC2-DN511 Datasheet
306Kb / 2P
SUBMINIATURE PROPORTIONALLY CONTROLLED HEATER
DN515 ETC2-DN515 Datasheet
311Kb / 2P
SUBMINIATURE PROPORTIONALLY CONTROLLED HEATER
DN510 ETC2-DN510 Datasheet
341Kb / 2P
SUBMINIATURE PROPORTIONALLY CONTROLLED HEATER
logo
Continental Device Indi...
TO-39 CDIL-TO-39 Datasheet
213Kb / 3P
Hermetically Sealed Metal Can Package TO-39
TO-18 CDIL-TO-18 Datasheet
138Kb / 4P
Hermetically Sealed Metal Can Package TO-18
TO-3 CDIL-TO-3 Datasheet
151Kb / 3P
Hermetically Sealed Metal Can Package TO-18
logo
International Rectifier
RDHA710SE10A2FK IRF-RDHA710SE10A2FK_15 Datasheet
121Kb / 7P
Hermetically Sealed Package
logo
Marktech Corporate
MTE4047W-UB MARKTECH-MTE4047W-UB Datasheet
435Kb / 3P
Hermetically Sealed Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com