Electronic Components Datasheet Search
  English  ▼

X  

LC450029PKB Datasheet(PDF) 23 Page - ON Semiconductor

Part # LC450029PKB
Description  Duty General-Purpose LCD Display Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB Datasheet(HTML) 23 Page - ON Semiconductor

Back Button LC450029PKB Datasheet HTML 17Page - ON Semiconductor LC450029PKB Datasheet HTML 18Page - ON Semiconductor LC450029PKB Datasheet HTML 19Page - ON Semiconductor LC450029PKB Datasheet HTML 20Page - ON Semiconductor LC450029PKB Datasheet HTML 21Page - ON Semiconductor LC450029PKB Datasheet HTML 22Page - ON Semiconductor LC450029PKB Datasheet HTML 23Page - ON Semiconductor LC450029PKB Datasheet HTML 24Page - ON Semiconductor LC450029PKB Datasheet HTML 25Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
LC450029PKB
No.A1916-23/25
• PAD Locations (Bump Side View)
• Chip dimensions (X, Y, S are based on the dicing center.)
X=1.00mm
Y=4.08mm
S=4.08mm
2
Wafer thickness=400
μm (typ)
• Au Bump dimensions (typ)
Size
Item
PAD No.
X [
μm]
Y [
μm]
S [
μm
2]
1 to 59
108
27
2916
Bump Size
60 to 106
68
42
2856
10 to 58
50
-
Min. Bump Pitch
1 to 9, 59 to 106
-
-
10 to 58, 66 to 71,
73 to 90, 93 to 105
23
-
Min. Bump Clearance
1 to 9, 59 to 65, 72,
91 to 92, 106
-
-
Bump Height
All pads
17
-
• Alignment marks
(1) A-Type
(2) B-Type
(3) C-Type
X
Y
(0, 0)
Alignment Mark #1
(A-Type)
Alignment Mark #2
(B-Type)
Alignment Mark #3
(C-Type)
MODEL NAME
10
30
60
50
80
50
80
20
Unit:
μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com