Electronic Components Datasheet Search
  English  ▼

X  

H7828 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # H7828
Description  Compact Head-on PMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H7828 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  H7828_15 Datasheet HTML 1Page - Hamamatsu Corporation H7828_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
58
Product Variations
Specifications
Compact Head-on PMT
Photon Counting Head H7828 Series
The H7828 series is a photon counting head device containing a 19-mm (3/4")
diameter head-on photomultiplier tube, a high-speed photon counting circuit,
and a high-voltage power supply circuit. The high voltage supply for photomul-
tiplier tube and the discrimination level are preset to optimum values, allowing
photon counting measurement by just connecting a +5 V supply. Despite its
compact size, the effective photosensitive area is as large as 15 mm in diame-
ter, so the incident light can be collected very efficiently. Compared to other
PMT modules, the H7828 series has higher resistance to vibration and shock,
making them suitable for portable or mobile measurement equipment.
(at +25
°C)
This product can't be used at vacuum environment or reduced pressure environment.
Type No.
H7828
H7828-01
300 nm to 650 nm
300 nm to 850 nm
For visible range
For visible to near IR range
Spectral Response
Features
Parameter
H7828-01
H7828
Input Voltage
Max. Input Voltage
Max. Input Current
Effective Area
Peak Sensitivity Wavelength
Count
Sensitivity
Count Linearity *1
Dark Count *2
Pulse-pair Resolution
Output Pulse Width
Output Pulse Height *3
Recommended Load Resistance
Signal Output Logic
Operating Ambient Temperature
*4
Storage Temperature
*4
Weight
+4.5 to +5.5
+6
60
15
1.5
× 106
70
30
3.0
3.5
50
Positive logic
+5 to +40
-20 to +50
70
380
1.7
× 105
2.1
× 105
1.6
× 105
1.0
× 105
5.9
× 104
2000
3500
420
2.1
× 105
3.6
× 105
2.8
× 105
5.0
× 104
—
200
500
Unit
V
V
mA
mm
nm
s-1·pW-1
s-1
s-1
ns
ns
V
Ω
—
°C
°C
g
*1: Random pulse, at 10 % count loss
*2: After 30 minutes storage in darkness
*3: With input voltage +5 V, Load resistance 50
Ω and Coaxial cable RG-174/U (450 mm)
*4: No condensation
300 nm
400 nm
500 nm
600 nm
700 nm
Typ.
Max.
Min.
Typ.
Typ.


Similar Part No. - H7828_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7828-01 HAMAMATSU-H7828-01 Datasheet
85Kb / 2P
Compact Head-on PMT
More results

Similar Description - H7828_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7826 HAMAMATSU-H7826 Datasheet
84Kb / 2P
Compact Head-on PMT
H7827 HAMAMATSU-H7827 Datasheet
88Kb / 2P
Compact Head-on PMT
H7828 HAMAMATSU-H7828 Datasheet
85Kb / 2P
Compact Head-on PMT
H10492 HAMAMATSU-H10492_15 Datasheet
80Kb / 2P
Head-on PMT
H10426 HAMAMATSU-H10426_15 Datasheet
66Kb / 2P
Head-on PMT
H10425 HAMAMATSU-H10425_15 Datasheet
67Kb / 2P
Head-on PMT
H9319 HAMAMATSU-H9319_15 Datasheet
76Kb / 2P
Head-on PMT
H7827 HAMAMATSU-H7827_15 Datasheet
82Kb / 2P
Compact Head-on PMT
H7826 HAMAMATSU-H7826_15 Datasheet
84Kb / 1P
Compact Head-on PMT
H11870 HAMAMATSU-H11870_15 Datasheet
104Kb / 2P
Head-on PMT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com