Electronic Components Datasheet Search
  English  ▼

X  

PTH04000WAST Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04000WAST
Description  3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK??SEQUENCING
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04000WAST Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH04000WAST Datasheet HTML 3Page - Texas Instruments PTH04000WAST Datasheet HTML 4Page - Texas Instruments PTH04000WAST Datasheet HTML 5Page - Texas Instruments PTH04000WAST Datasheet HTML 6Page - Texas Instruments PTH04000WAST Datasheet HTML 7Page - Texas Instruments PTH04000WAST Datasheet HTML 8Page - Texas Instruments PTH04000WAST Datasheet HTML 9Page - Texas Instruments PTH04000WAST Datasheet HTML 10Page - Texas Instruments PTH04000WAST Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
APPLICATION INFORMATION
Adjusting the Output Voltage of the PTH04000W Wide-Output Adjust Power Modules
R
SET =10k
x
W
0.891 V
V -0.9V
O
-3.24kW
VI
GND
GND
1
5
6
3
4
2
Track
VI
VO
VO
GND
Inhibit
V Adj
O
C
47 F
(Required)
I
µ
PTH04000W
C
47 F
(Optional)
O
µ
R
0.05W
1%
SET
PTH04000W
SLTS247B – JUNE 2005 – REVISED OCTOBER 2007
The VO Adjust control (pin 5) sets the output voltage of the PTH04000W product. The adjustment range is from
0.9 V to 3.6 V. The adjustment method requires the addition of a single external resistor, RSET, that must be
connected directly between the VO Adjust and GND pin 1. Table 1 gives the standard external resistor for a
number of common bus voltages, along with the actual voltage the resistance produces.
For other output voltages, the value of the required resistor can either be calculated using the following formula,
or simply selected from the range of values given in Table 2. Figure 9 shows the placement of the required
resistor.
Table 1. Standard Values of Rset for Common Output
Voltages
VO
RSET
VO
(Required)
(Standard Value)
(Actual)
3.3 V (1)
475
Ω
3.298 V
2.5 V (1)
2.32 k
Ω
2.502 V
2 V
4.87 k
Ω
1.999 V
1.8 V
6.65 k
Ω
1.801 V
1.5 V
11.5 k
Ω
1.504 V
1.2 V
26.1 k
Ω
1.204 V
1 V
84.5 k
Ω
1.001 V
0.9 V
Open
0.9 V
(1)
The minimum input voltage is 3 V or (VO + 1.1) V, whichever is
greater.
(1)
A 0.05-W rated resistor may be used. The tolerance should be 1%, with a temperature stability of 100 ppm/
°C (or
better). Place the resistor as close to the regulator as possible. Connect the resistor directly between pins 5 and 1
using dedicated PCB traces.
(2)
Never connect capacitors from VO Adjust to either GND or VO. Any capacitance added to the VO Adjust pin affects the
stability of the regulator.
Figure 9. VO Adjust Resistor Placement
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PTH04000W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com