Electronic Components Datasheet Search
  English  ▼

X  

53211 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53211
Description  SPDT SOLID-STATE RELAYS High Power AC/DC Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53211 Datasheet(HTML) 2 Page - Micropac Industries

  53211 Datasheet HTML 1Page - Micropac Industries 53211 Datasheet HTML 2Page - Micropac Industries 53211 Datasheet HTML 3Page - Micropac Industries 53211 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
8/12/02
Pg. 2 of 4
53209, 53210, & 53211
SPDT SOLID-STATE RELAYS
ELECTRICAL CHARACTERISTICS
TA = +25° C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Isolation Voltage, I/O
60 Hz Sine Wave
1500
VAC RMS
Isolation Resistance
at 500 V
109
Ohms
Continuous Operating Output Voltage
53209
53210
53211
80
160
320
VAC Peak
VAC Peak
VAC Peak
Transient Output Voltage
53209
53210
53211
80
180
380
VAC Peak
VAC Peak
VAC Peak
Load Current
53209
53210
53211
2.0 ºC/W Heat Sink
4.1
2.6
1.3
Amps
RMS
On Resistance
53209
53210
53211
TA = 25ºC
0.6
1.5
6.0
Ohms
Ohms
Ohms
Capacitance, I/O
25 V, 1 MHz
5
pF
Leakage Current
Load Voltage = Maximum
20
µA
Bias Supply Voltage, VDD
4
16
VDC
Bias Current
13
16
mA
Control Logic Voltage
16
VDC
Control Logic Current
2
µA
Control Logic Level – High
0.75
VDD
VDD
VDC
Control Logic Level – Low
0
0.15 VDD
VDC
tr (Rise Time)
ton (Turn-On-Time)
tf (fall Time)
toff (Turn-Off Time)
td (Dwell Time)
Load Voltage = 28 VDC
RL = 50Ω
0.5
3.0
4.0
50
250
1.5
ms
ms
µs
µs
ms
Thermal Resistance,
θJA
θJC
20
4.2
ºC/W
ºC/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com