Electronic Components Datasheet Search
  English  ▼

X  

53111-2PC Datasheet(PDF) 6 Page - Micropac Industries

Part # 53111-2PC
Description  POWER MOSFET OPTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53111-2PC Datasheet(HTML) 6 Page - Micropac Industries

Back Button 53111-2PC Datasheet HTML 2Page - Micropac Industries 53111-2PC Datasheet HTML 3Page - Micropac Industries 53111-2PC Datasheet HTML 4Page - Micropac Industries 53111-2PC Datasheet HTML 5Page - Micropac Industries 53111-2PC Datasheet HTML 6Page - Micropac Industries 53111-2PC Datasheet HTML 7Page - Micropac Industries 53111-2PC Datasheet HTML 8Page - Micropac Industries 53111-2PC Datasheet HTML 9Page - Micropac Industries 53111-2PC Datasheet HTML 10Page - Micropac Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
5/22/02
Pg. 6 of 11
53111
Power MOSFET Optocoupler
T - AMBIENT TEMPERATURE - °C
A
PULSE DURATION - ms
CONNECTION - A
0
10
8
2
4
6
100
1000
10
12
CONNECTION - B
I
≥10 mA
F
-55
0
0.2
0.6
0.4
0.8
1.0
CA
θ
= 40°C/W
θ
= 80°C/W
-25
5
- -
CA
35
65
CONNECTION - A
I
≥10 mA
__
F
95
125 155
Figure 3. Maximum Average Output Current
Figure 4. Single Shot (nonrepetitive)
Rating vs. Ambient Temperature.
Output Current vs. Pulse Duration.
T - AMBIENT TEMPERATURE - °C
A
-55
0
0.2
CA
θ
= 40°C/W
θ
= 80°C/W
-25
5
CA
- -
35
65
CONNECTION - A
I
≥10 mA
__
F
0.6
0.4
0.8
95
125 155
1.0
Figure 5. Output Power Rating vs. Ambient Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com