Electronic Components Datasheet Search
  English  ▼

X  

53253 Datasheet(PDF) 4 Page - Micropac Industries

Part # 53253
Description  RADIATION TOLERANT, 90V - 0.8A DUAL POWER MOSFET OPTOCOUPLERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53253 Datasheet(HTML) 4 Page - Micropac Industries

  53253 Datasheet HTML 1Page - Micropac Industries 53253 Datasheet HTML 2Page - Micropac Industries 53253 Datasheet HTML 3Page - Micropac Industries 53253 Datasheet HTML 4Page - Micropac Industries 53253 Datasheet HTML 5Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION • 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
08/18/2001
Preliminary Data Sheet
53253
Radiation Tolerant Dual Power MOSFET Optocouplers
4
3
2
1
Figure 1 - Terminal Connections
5
Terminal number
6
7
8
8
6
7
3
5
4
2
1
+IN 1
Figure 2 - Truth Table
ON
ON
OFF
OFF
INPUT
OUTPUT
Terminal Symbol
- IN 1
- OUT 2
+OUT 2
+IN 2
- IN 2
+OUT 1
- OUT 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com