Electronic Components Datasheet Search
  English  ▼

X  

53259 Datasheet(PDF) 6 Page - Micropac Industries

Part # 53259
Description  POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53259 Datasheet(HTML) 6 Page - Micropac Industries

  53259 Datasheet HTML 1Page - Micropac Industries 53259 Datasheet HTML 2Page - Micropac Industries 53259 Datasheet HTML 3Page - Micropac Industries 53259 Datasheet HTML 4Page - Micropac Industries 53259 Datasheet HTML 5Page - Micropac Industries 53259 Datasheet HTML 6Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION • 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
7/29/02
Pg. 6 of 6
.050 (1.27)
.035 (0.89)
.050 (1.27)
.035 (0.89)
.110 (2.79)
.090 (2.29)
.390 (9.91)
.370 (9.41)
.110 (2.79)
.090 (2.29)
.020 (.051)
MAX.
.390 (9.91)
.370 (9.41)
NOTES:
1. PIN 1 IS INDICATED BY THE ESD TRIANGLE MARKED ON THE LID OF THE PACKAGE.
2. DIMENSIONS ARE IN INCHES, (mm).
3. METRIC EQUIVALENTS ARE GIVEN FOR GENERAL INFORMATION ONLY.
4. UNLESS OTHERWISE SPECIFIED, TOLERANCE IS ±.005 (0.13mm).
.180 (4.57)
MAX
.170 (4.32)
MAX.
CASE OUTLINE X
.170 (4.32)
MAX.
.020 (0.51)
MAX.
.047 (1.19)
TYP
.390 (9.91)
.380 (7.87)
.320 (8.13)
MAX
SEATING
PLANE
PIN 1
SYMBOL
ESD
.310 (7.87)
.290 (7.37)
.320 (8.13)
MAX.
CASE OUTLINE P
31757 USA
Case Outlines
53259
Power MOSFET Optocoupler
___________________________________________________________________________________________
Case Outlines



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com