Electronic Components Datasheet Search
  English  ▼

X  

61048 Datasheet(PDF) 2 Page - Micropac Industries

Part # 61048
Description  SILICON PHOTOTRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61048 Datasheet(HTML) 2 Page - Micropac Industries

  61048 Datasheet HTML 1Page - Micropac Industries 61048 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 5
61048
SILICON PHOTOTRANSISTOR (GS4123)
ELECTRICAL CHARACTERISTICS TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Light Current
IL
5
20
30
50
20
30
50
--
mA
VCE = 5.0V, H = 20 mW/cm
2
1
Dark Current
ID
50
nA
VCE = 5V, H = 0
Collector-Emitter Breakdown Voltage
BVCEO
30
V
IC = 100µA
Emitter-Collector Breakdown Voltage
BVECO
7V
IE = 100µA
Light Current Rise Time
tr
8
10
15
20
µsRL = 100Ω, VCC = 5V, IL = 1.0mA
Saturation Voltage
VCE (sat)
0.2
V
IC = 0.4mA, H = 20 mW/cm
2
Angular Response
θ
10
degrees
2
NOTES:
1.
Irradiance in mW/cm2 from tungsten source at a color temperature of 2870K.
2.
The angle between incidence for peak response and incidence for 50% of peak response.
RELATIVE SPECTRAL RESPONSE
ANGULAR RESPONSE
BASE
OPEN
H
PULSE RESPONSE TEST
CIRCUIT AND WAVEFORM
DUT
RL
OUTPUT
Vcc
IL
tr
tf
10%
90%
WAVELENGTH [um]
0.4
0.5
0.6
0.7
0.9
1.0
0.8
0
20
40
60
100
80
1.1
0.3
0.2
1.2
10
30
50
70
90
ANGLE [DEGREES]
-30
-20
-10
0
20
30
10
0
20
40
60
100
80
40
-40
-50
50
DARK CURRENT versus TEMPERATURE
V
=30 V
CC
M = 0
-25
-50
125
100
75
25
50
0
0.0001
0.001
0.01
0.1
1.0
10
0.00001
T - AMBIENT TEMPERATURE - °C
A
COLLECTOR EMITTER CHARACTERISTICS
V
COLLECTOR-EMITTER VOLTAGE [VOLTS]
0
510
0
2.0
4.0
6.0
8.0
CE
15
10
20
25
H = 10
35
30
H = 20
H = 50
H = 10
mW
SOURCE TEMP - 2870
TUNGSTEN SOURCE
T = 25°C
A
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Bias Voltage-Collector/Emitter
IF
510
mA
Irradiance (H)
H
15
25
mW/cm2
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
IL Range
61048-001
Silicon Phototransistor in TO-46 package, commercial version
5 to 20mA
61048-101
Silicon Phototransistor in TO-46 package (-55° to +100°C) with 100% screening
5 to 20mA
61048-002
Silicon Phototransistor in TO-46 package, commercial version
20 to 30mA
61048-102
Silicon Phototransistor in TO-46 package (-55° to +100°C) with 100% screening
20 to 30mA
61048-003
Silicon Phototransistor in TO-46 package, commercial version
30 to 50mA
61048-103
Silicon Phototransistor in TO-46 package (-55° to +100°C) with 100% screening
30 to 50mA
61048-004
Silicon Phototransistor in TO-46 package, commercial version
+50mA
61048-104
Silicon Phototransistor in TO-46 package (-55° to +100°C) with 100% screening
+50mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com