Electronic Components Datasheet Search
  English  ▼

X  

61053 Datasheet(PDF) 2 Page - Micropac Industries

Part # 61053
Description  SILICON PHOTOTRANSISTOR ?쏱IGTAIL?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61053 Datasheet(HTML) 2 Page - Micropac Industries

  61053 Datasheet HTML 1Page - Micropac Industries 61053 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 7
61053
SILICON PHOTOTRANSISTOR “PIGTAIL” (TYPE GS3020)
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Light Current
61053-X01
61053-X02
61053-X03
61053-X04
IL
0.7
1.5
3.0
6.0
2.0
4.0
7.0
--
mA
VCE = 5.0V, H = 5 mW/cm
2
1
Dark Current
61053-XXX
ID
25
nA
VCE = 30V, H = 0
Collector-Emitter Breakdown Voltage
61053-XXX
BVCEO
50
V
IC = 100µA
Emitter-Collector Breakdown Voltage
61053-XXX
BVECO
7V
IE = 100µA
Light Current Rise Time
61053-X01
61053-X02
61053-X03
61053-X04
tr
2.0
3.0
5.0
7.0
RL = 1KΩ, VCC = 5V,
IL = 1.0mA
Saturation Voltage
61053-X01
VCE (sat)
0.3
V
IC = 0.4mA, H = 5 mW/cm
2
Angular Response
61053-X01
θ
12
degrees
2
NOTES:
1.
Irradiance in mW/cm2 from a tungsten source at a color temperature of 2870K..
2.
The angle between incidence for peak response and incidence for 50% of peak response.
ANGULAR RESPONSE
RELATIVE SPECTRAL RESPONSE
H
PULSE RESPONSE TEST
CIRCUIT AND WAVEFORM
DUT
RL
OUTPUT
Vcc
IL
tr
tf
10%
90%
AN G L E [ D EG R E E S ]
- 3 0
- 20
- 1 0
0
20
30
10
0
20
40
60
10 0
80
40
-4 0
WAVELENGTH [um]
0.4
0.5
0.6
0.7
0.9
1.0
0.8
0
20
40
60
100
80
1.1
0.3
0.2
1.2
10
30
50
70
90
NORMALIZED LIGHT CURRENT
versus RADIATION FLUX DENSITY
0.5
0.2
1.0
0.1
0.01
N. RADIATION FLUX DENSITY [mW/cm 2]
1.0
10
10
20
5.0
20
V =50 V
T =25°C
J
CC
TUNGSTEN
SOURCE
GaAs
SOURCE
NORMALIZED LIGHT CURRENT
versus TEMPERATURE
T AMBIENT TEMPERATURE [°C]
-100
-75
-25
-50
0
0.2
0.4
0.6
1.0
0.8
A
1.2
1.6
1.4
2.0
1.8
025
50
75
150
125
100
Vcc = 5.0 V
NOTE 1
R =100
L
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Bias Voltage-Collector/Emitter
IF
510mA
Irradiance (H)
H
15
25
mW/cm2
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
IL Range
61053-001
Silicon Phototransistor in coax package, commercial version
0.7 to 2mA
66153-101
Silicon Phototransistor in coax package (-55° to +100°C) with 100% screening
0.7 to 2mA
61053-002
Silicon Phototransistor in pill package, commercial version
1.5 to 4mA
61053-102
Silicon Phototransistor in pill package (-55° to +100°C) with 100% screening
1.5 to 4mA
61053-003
Silicon Phototransistor in pill package, commercial version
3 to 7mA
61053-103
Silicon Phototransistor in pill package (-55 °to +100°C) with 100% screening
3 to 7mA
61053-004
Silicon Phototransistor in pill package, commercial version
6+mA
61053-104
Silicon Phototransistor in pill package (-55° to +100°C) with 100% screening
6+mA
NOTE: Add L following dash number ( e.g. -004L ) to indicate loop lead.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com