Electronic Components Datasheet Search
  English  ▼

X  

61060 Datasheet(PDF) 2 Page - Micropac Industries

Part # 61060
Description  PHOTODIODE ?쏱IGTAIL?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61060 Datasheet(HTML) 2 Page - Micropac Industries

  61060 Datasheet HTML 1Page - Micropac Industries 61060 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 17
61060
SILICON PHOTODIODE “PIGTAIL”
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Light Current
61060-XXX
IL
5.0
15
µA
VR = 5.0V, H = 20mW/cm
2
1
Dark Current
61060-XXX
ID
25
nA
VR = 10V, H = 0
1
Reverse Breakdown Voltage
61060-XXX
VBR
50
V
IR = 5µA, H = 0
Rise Time
61060-XXX
tr
300
nS
VR = 5V,
Angular Response
61060-X01
61060-X02
θ
30
12
degrees
2
NOTES:
1.
Irradiance in mW/cm
2
from a tungsten source at a color temperature of 2870K.
2.
The angle between incidence for peak response and incidence for 50% of peak response.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Reverse Voltage
VR
510
V
Irradiance (H)
H
15
25
mW/cm2
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
IL Range
61060-001
Photodiode in coax package, domed lens, commercial version
+5µA
61060-101
Photodiode in coax package, domed lens with 100% screening
+5µA
61060-002
Photodiode in coax package, flat lens, commercial version
+5µA
61060-102
Photodiode in coax package, flat lens with 100% screening
+5µA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com