Electronic Components Datasheet Search
  English  ▼

X  

61082 Datasheet(PDF) 2 Page - Micropac Industries

Part # 61082
Description  FIBER OPTIC PIN PHOTODIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61082 Datasheet(HTML) 2 Page - Micropac Industries

  61082 Datasheet HTML 1Page - Micropac Industries 61082 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 21
61082
FIBER OPTIC PIN PHOTODIODE
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Flux Responsivity
61082-XXX
R
0.40
0.55
A/W
VR = 5.0V
2
Dark Current
61082-XXX
ID
10
nA
VR = 5V, H = 0
Peak Response Wavelength
61082-XXX
λP
880
nm
Rise Time
61082-XXX
tr
10
nS
VR = 15V
1
Total Capacitance
61082-XXX
CT
6pF
VR = 20V
Field of View
61082-XXX
FOV
80
degrees
NOTES:
1.
RL = 50Ω, 10%-90%.
2.
Test @ VR = 5V with 50/125 micron, 0.20 N.A. fiber, @ 10µW optical power @ 850nm. Responsivity levels apply to 50µm, 62.5µm and 100µm core optical
fibers.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Reverse Voltage
VR
510
V
Irradiance (H)
H
15
25
mW/cm
2
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
IL Range
61082-001
Photodiode in coax package, domed lens, commercial version
+5µA
61082-101
Photodiode in coax package, domed lens (-55° to +100°C) with 100% screening
+5µA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com