Electronic Components Datasheet Search
  English  ▼

X  

61090 Datasheet(PDF) 2 Page - Micropac Industries

Part # 61090
Description  SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61090 Datasheet(HTML) 2 Page - Micropac Industries

  61090 Datasheet HTML 1Page - Micropac Industries 61090 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
8 - 9
61090
SURFACE MOUNT NPN GENERAL PURPOSE TRANSISTOR (TYPE 2N2222AUB)
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
MAX
UNITS
TEST CONDITIONS
NOTE
Collector-Base Breakdown Voltage
BVCBO
75
V
IC = 10µA, IE = 0
Collector-Emitter Breakdown Voltage
BVCEO
50
V
IC = 10mA, IB = 0µA
Emitter-Base Breakdown Voltage
BVEBO
6V
IC = 0, IE = 10µA
Collector-Base Cutoff Current
ICBO
10
nA
VCB = 60V, IE = 0
10
µA
VCB = 60V, IE = 0, TA = 150°C
Collector-Emitter Cutoff Current
ICES
50
nA
VCE = 50V
Emitter-Base Cutoff Current
IEBO
10
nA
VEB = 4.0V, IC =0
hfe1
50
-
VCE = 10V, IC = 0.1mA
hfe2
75
325
-
VCE = 10V, IC =1mA
Forward-Current Transfer Ratio
hfe3
100
-
VCE = 10V, IC =10mA
hfe4
100
300
-
VCE = 10V, IC = 150mA
1
hfe5
30
-
VCE = 10V, IC = 500mA
1
hfe6
35
-
VCE = 10V, IC = 10mA @ -55°C
Collector-Emitter Saturation Voltage
VCE (SAT)
0.30
V
IC = 150mA, IB = 15mA
1
1.0
V
IC = 500mA, IB = 50mA
1
Base-Emitter Saturation Voltage
VBE (SAT)
0.6
1.20
V
IC = 150mA, IB = 15mA
1
2.0
V
IC = 500mA IB = 50mA
1
SMALL-SIGNAL CHARACTERISTICS
Small Signal Forward Current Transfer Ratio
hfe
50
-
VCE = 10V, IC = 1mA, f = 1kHz
Small Signal Forward Current Transfer Ratio
hfe
2.5
-
VCE = 20V, IC = 20mA,
f = 100kHz
Open Circuit Output Capacitance
COBO
8pf
VCB = 10V, 100kHz, < f < 1 MHz
Input Capacitance (Output Open Capacitance)
CIBO
25
pf
VEB = 0.5 V, 100kHz, < f < 1 MHz
Turn-On Time
ton
35
ns
VCC = 30V, IC = 150mA,
IB1 = 15mA
Turn-Off Time
toff
300
ns
VCC = 30V, IC = 150mA,
IB1 = IB2 = 15mA
NOTES:
1.
Pulse width < 300µs, duty cycle < 2.0%.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Bias Voltage-Collector/Emitter
IC
10
150
mA
Collector-Emitter Voltage
VCE
520
V
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
61090-001
2N2222AUB PNP transistor, commercial version
61090-002
2N2222AUB PNP transistor, JAN level screening
61090-101
2N2222AUB PNP transistor, JANTX level screening
61090-102
2N2222AUB PNP transistor, JANTXV level screening
61090-300
2N2222AUB PNP transistor, JANS level screening



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com