Electronic Components Datasheet Search
  English  ▼

X  

PE44499 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44499
Description  QMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .268 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44499 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44499 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44499 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
QMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .268 inch D
Hole
Configuration
Connector
QMA Female
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.787 [19.99]
Width/Dia., in [mm]
0.433 [11.00]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
QMA Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
QMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .268 inch D Hole from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405,
.268 inch D Hole PE44499
URL:
http://www.pasternack.com/qma-female-standard-pe-sr405al-pe-sr405fl-rg405-connector-pe44499-p.aspx
PE44499
PE44499 REV 01
QMA Female Bulkhead Connector Solder Attachment For
PE-SR405AL, PE-SR405FL, RG405, .268 inch D Hole


Similar Part No. - PE44499

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4449 PASTERNACK-PE4449 Datasheet
209Kb / 2P
TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405, PE-C400
PE4449 PASTERNACK-PE4449 Datasheet
321Kb / 3P
TNC Male Connector Clamp/Solder Attachment
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
Mini SMP Male Connector Solder Attachment End Launch PCB
PE44491 PASTERNACK-PE44491 Datasheet
231Kb / 3P
Mini SMP Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44492 PASTERNACK-PE44492 Datasheet
239Kb / 3P
Mini SMP Female Connector Solder Attachment
More results

Similar Description - PE44499

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4147 PASTERNACK-PE4147 Datasheet
503Kb / 2P
TNC Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, PE-SR405FLJ, .480 inch D Hole
PE4443 PASTERNACK-PE4443 Datasheet
124Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4865 PASTERNACK-PE4865 Datasheet
259Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE44346 PASTERNACK-PE44346 Datasheet
228Kb / 3P
2.4mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .252 inch D Hole
PE4119 PASTERNACK-PE4119 Datasheet
292Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE4149 PASTERNACK-PE4149 Datasheet
95Kb / 1P
TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4986 PASTERNACK-PE4986 Datasheet
284Kb / 3P
3.5mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE44495 PASTERNACK-PE44495 Datasheet
209Kb / 2P
QMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44390 PASTERNACK-PE44390 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .177 inch D Hole
PE45218 PASTERNACK-PE45218 Datasheet
381Kb / 3P
QMA Female Bulkhead Mount Connector Solder Attachment for PE-SR405AL, PE-SR405FL, RG405, .268 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com