Electronic Components Datasheet Search
  English  ▼

X  

PE44503 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44503
Description  QMA Male Connector Crimp/Solder Attachment For RG58, RG141
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44503 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44503 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44503 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
QMA Male Connector Crimp/Solder Attachment For RG58, RG141
QMA Male Connector Crimp/Solder Attachment For RG58, RG141
Configuration
Connector
QMA Male
Connector Interface Type
RG58,RG141
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum VSWR
1.15:1
Maximum Return Loss, dB
23
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.932 [23.67]
Width/Dia., in [mm]
0.41 [10]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
QMA Male
Mating Cycles
500
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/qma-male-standard-rg58-rg141-connector-pe44503-p.aspx
QMA Male Connector Crimp/Solder Attachment For RG58, RG141 from Pasternack Enterprises has same day shipment for
domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and
fiber optic products.
PE44503
PE44503 REV


Similar Part No. - PE44503

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4450 PASTERNACK-PE4450 Datasheet
115Kb / 1P
TNC MALE RIGHT ANGLE GRIMP ATTACHMENT FOR RG55 RG142 RG223& RG400
PE4450 PASTERNACK-PE4450 Datasheet
377Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE44500 PASTERNACK-PE44500 Datasheet
279Kb / 3P
QMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .268 inch D Hole
PE44501 PASTERNACK-PE44501 Datasheet
223Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44502 PASTERNACK-PE44502 Datasheet
256Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG316-DS
More results

Similar Description - PE44503

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44460 PASTERNACK-PE44460 Datasheet
265Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE4093 PASTERNACK-PE4093 Datasheet
251Kb / 2P
MHV Male Connector Crimp/Solder Attachment For RG58
PE44502 PASTERNACK-PE44502 Datasheet
256Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG316-DS
PE4069 PASTERNACK-PE4069 Datasheet
252Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG58
PE44596 PASTERNACK-PE44596 Datasheet
221Kb / 3P
QN Male Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE44506 PASTERNACK-PE44506 Datasheet
212Kb / 2P
QMA Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141
PE44509 PASTERNACK-PE44509 Datasheet
214Kb / 2P
QMA Female Bulkhead Connector Crimp - Solder Attachment For RG58, RG141, .268 inch D Hole
PE44601 PASTERNACK-PE44601 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141, RG303
PE4215 PASTERNACK-PE4215 Datasheet
262Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG58
PE4156 PASTERNACK-PE4156 Datasheet
268Kb / 3P
TNC Male Connector Crimp - Solder Attachment For RG58
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com