Electronic Components Datasheet Search
  English  ▼

X  

61099 Datasheet(PDF) 2 Page - Micropac Industries

Part # 61099
Description  PHOTODIODE-AMPLIFIER HYBRID
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61099 Datasheet(HTML) 2 Page - Micropac Industries

  61099 Datasheet HTML 1Page - Micropac Industries 61099 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
9 - 5
61099
PHOTODIODE-AMPLIFIER HYBRID
ELECTRICAL CHARACTERISTICS
At 25°C unless otherwise specified.
PARAMETER
MIN
TYP
MAX
UNITS
Responsivity
λ = 254nm
λ = 340nm
λ = 900nm
50
60
225
V/
µW
V/
µW
V/
µW
Dark Offset Voltage
+1.0
MV
Rise Time
5.0
Msec
High Frequency Noise (0.1 to 10 kHz)
0.75
MVrms
Ambient Light Offset Voltage
+12
Volts



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com