Electronic Components Datasheet Search
  English  ▼

X  

PE44507 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44507
Description  QMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG316, RG188, .268 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44507 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44507 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44507 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44507 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
QMA Female Bulkhead Connector Crimp/Solder Attachment
For RG174, RG316, RG188, .268 inch D Hole
QMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .268 inch D Hole
Configuration
Connector
QMA Female
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum Operating Voltage, Volts
350
Dielectric Withstanding Voltage, Vrms
750
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.07:1
Return Loss, dB
30
Insertion Loss, dB
0.086
Frequency 2
Frequency, GHz
3 to 6
VSWR
1.11:1
Return Loss, dB
26
Insertion Loss, dB
0.12
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Storage Range, deg C
-40 to +85
Size
Length, in [mm]
0.95 [24.13]
Width/Dia., in [mm]
0.44 [11]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
QMA Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188,
.268 inch D Hole PE44507
PE44507
PE44507 REV


Similar Part No. - PE44507

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4450 PASTERNACK-PE4450 Datasheet
115Kb / 1P
TNC MALE RIGHT ANGLE GRIMP ATTACHMENT FOR RG55 RG142 RG223& RG400
PE4450 PASTERNACK-PE4450 Datasheet
377Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE44500 PASTERNACK-PE44500 Datasheet
279Kb / 3P
QMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .268 inch D Hole
PE44501 PASTERNACK-PE44501 Datasheet
223Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44502 PASTERNACK-PE44502 Datasheet
256Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG316-DS
More results

Similar Description - PE44507

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44196 PASTERNACK-PE44196 Datasheet
261Kb / 3P
RT SMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
PE4466 PASTERNACK-PE4466 Datasheet
330Kb / 3P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4427 PASTERNACK-PE4427 Datasheet
255Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4106 PASTERNACK-PE4106 Datasheet
318Kb / 3P
BNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE44388 PASTERNACK-PE44388 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44501 PASTERNACK-PE44501 Datasheet
223Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44508 PASTERNACK-PE44508 Datasheet
214Kb / 3P
QMA Female Bulkhead Connector Crimp - Solder Attachment For RG316-DS, RG188-DS, .268 inch D Hole
PE44509 PASTERNACK-PE44509 Datasheet
214Kb / 2P
QMA Female Bulkhead Connector Crimp - Solder Attachment For RG58, RG141, .268 inch D Hole
PE44643 PASTERNACK-PE44643 Datasheet
208Kb / 2P
SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG188, RG316, .252 inch D Hole
PE4859 PASTERNACK-PE4859 Datasheet
266Kb / 3P
RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com