Electronic Components Datasheet Search
  English  ▼

X  

PE44508 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44508
Description  QMA Female Bulkhead Connector Crimp - Solder Attachment For RG316-DS, RG188-DS, .268 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44508 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44508 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44508 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44508 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
QMA Female Bulkhead Connector Crimp/Solder Attachment For RG316-DS, RG188-DS, .268 inch D Hole
Configuration
Connector
QMA Female
Connector Interface Type
RG316-DS,RG188-DS
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum Operating Voltage, Volts
350
Dielectric Withstanding Voltage, Vrms
750
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.07:1
Return Loss, dB
30
Insertion Loss, dB
0.087
Frequency 2
Frequency, GHz
3 to 6
VSWR
1.11:1
Return Loss, dB
26
Insertion Loss, dB
0.12
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Storage Range, deg C
-40 to +85
Size
Length, in [mm]
0.95 [24.13]
Width/Dia., in [mm]
0.43 [10.92]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
QMA Female
Mating Cycles
100
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QMA Female Bulkhead Connector Crimp/Solder Attachment For RG316-DS, RG188-DS,
.268 inch D Hole PE44508
PE44508
PE44508 REV 01
QMA Female Bulkhead Connector Crimp/Solder Attachment
For RG316-DS, RG188-DS, .268 inch D Hole


Similar Part No. - PE44508

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4450 PASTERNACK-PE4450 Datasheet
115Kb / 1P
TNC MALE RIGHT ANGLE GRIMP ATTACHMENT FOR RG55 RG142 RG223& RG400
PE4450 PASTERNACK-PE4450 Datasheet
377Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE44500 PASTERNACK-PE44500 Datasheet
279Kb / 3P
QMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .268 inch D Hole
PE44501 PASTERNACK-PE44501 Datasheet
223Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44502 PASTERNACK-PE44502 Datasheet
256Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG316-DS
More results

Similar Description - PE44508

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4392 PASTERNACK-PE4392 Datasheet
94Kb / 1P
BNC FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG188-DS &RG316-DS
PE4425 PASTERNACK-PE4425 Datasheet
113Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE4426 PASTERNACK-PE4426 Datasheet
115Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE44877 PASTERNACK-PE44877 Datasheet
266Kb / 3P
N Female Bulkhead Connector Crimp-Solder Attachment For RG188-DS, RG316-DS
PE44507 PASTERNACK-PE44507 Datasheet
227Kb / 3P
QMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG316, RG188, .268 inch D Hole
PE45172 PASTERNACK-PE45172 Datasheet
381Kb / 2P
N Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45157 PASTERNACK-PE45157 Datasheet
361Kb / 3P
SMC Jack Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .177 inch D Hole
PE44842 PASTERNACK-PE44842 Datasheet
243Kb / 2P
SSMB Jack Bulkhead Connector Crimp - Solder Attachment For RG316-DS, RG188-DS, .126 inch D Hole
PE45175 PASTERNACK-PE45175 Datasheet
390Kb / 2P
TNC Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45177 PASTERNACK-PE45177 Datasheet
419Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .480 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com