Electronic Components Datasheet Search
  English  ▼

X  

PE44512 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44512
Description  QMA Female Connector Solder Attachment Thru Hole PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44512 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44512 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44512 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
QMA Female Connector Solder Attachment Thru Hole PCB
Configuration
Connector
QMA Female
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.59 [14.99]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
QMA Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
QMA Female Connector Solder Attachment Thru Hole PCB from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QMA Female Connector Solder Attachment Thru Hole PCB PE44512
URL: http://www.pasternack.com/qma-female-standard-thru-hole-pcb-connector-pe44512-p.aspx
PE44512
PE44512 REV 01
QMA Female Connector Solder Attachment Thru Hole PCB


Similar Part No. - PE44512

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4451 PASTERNACK-PE4451 Datasheet
297Kb / 3P
TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4451 PASTERNACK-PE4451 Datasheet
400Kb / 4P
TNC Male Right Angle Connector Crimp/Crimp Attachment
PE44510 PASTERNACK-PE44510 Datasheet
202Kb / 2P
QMA Female Connector Solder Attachment Surface Mount PCB
PE44511 PASTERNACK-PE44511 Datasheet
209Kb / 2P
QMA Female Right Angle Connector Solder Attachment Surface Mount PCB
PE44513 PASTERNACK-PE44513 Datasheet
292Kb / 2P
QMA Female Right Angle Connector Solder Attachment Thru Hole PCB
More results

Similar Description - PE44512

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB
PE44513 PASTERNACK-PE44513 Datasheet
292Kb / 2P
QMA Female Right Angle Connector Solder Attachment Thru Hole PCB
PE44510 PASTERNACK-PE44510 Datasheet
202Kb / 2P
QMA Female Connector Solder Attachment Surface Mount PCB
PE44511 PASTERNACK-PE44511 Datasheet
209Kb / 2P
QMA Female Right Angle Connector Solder Attachment Surface Mount PCB
PE44397 PASTERNACK-PE44397 Datasheet
224Kb / 2P
N Female Bulkhead Connector Solder Attachment Thru Hole PCB, .640 inch DD Hole
PE44939 PASTERNACK-PE44939 Datasheet
378Kb / 3P
SMP Female Connector Solder Attachment Thru Hole PCB
PE4555 PASTERNACK-PE4555_16 Datasheet
318Kb / 3P
MCX Jack Connector Solder Attachment Thru Hole PCB
PE4559 PASTERNACK-PE4559_16 Datasheet
324Kb / 4P
MCX Plug Connector Solder Attachment Thru Hole PCB
PE4174 PASTERNACK-PE4174_16 Datasheet
345Kb / 3P
SMB Jack Connector Solder Attachment Thru Hole PCB
PE4175 PASTERNACK-PE4175_16 Datasheet
347Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com