Electronic Components Datasheet Search
  English  ▼

X  

PE44514 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44514
Description  QMA Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44514 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44514 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44514 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
QMA Male
Connector Interface Type
RG55, RG142, RG223, RG400
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 6 GHz
Impedance
50 Ohms
Maximum VSWR
1.3:1
Mechanical Specifications
.
Weight
0.006 lbs [2.72 g]
Connector
Type
QMA Male
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
QMA Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QMA Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400 PE44514
URL: http://www.pasternack.com/qma-male-straight-18-ghz-solder-crimp-for-rg223-pe44514-p.aspx
PE44514
PE44514 REV 1.1
QMA Male Connector Crimp/Solder Attachment
For RG55, RG142, RG223, RG400


Similar Part No. - PE44514

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4451 PASTERNACK-PE4451 Datasheet
297Kb / 3P
TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4451 PASTERNACK-PE4451 Datasheet
400Kb / 4P
TNC Male Right Angle Connector Crimp/Crimp Attachment
PE44510 PASTERNACK-PE44510 Datasheet
202Kb / 2P
QMA Female Connector Solder Attachment Surface Mount PCB
PE44511 PASTERNACK-PE44511 Datasheet
209Kb / 2P
QMA Female Right Angle Connector Solder Attachment Surface Mount PCB
PE44512 PASTERNACK-PE44512 Datasheet
206Kb / 2P
QMA Female Connector Solder Attachment Thru Hole PCB
More results

Similar Description - PE44514

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4042 PASTERNACK-PE4042 Datasheet
261Kb / 2P
N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4477 PASTERNACK-PE4477 Datasheet
229Kb / 3P
HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4445 PASTERNACK-PE4445 Datasheet
231Kb / 3P
C Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4044 PASTERNACK-PE4044 Datasheet
268Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4047 PASTERNACK-PE4047 Datasheet
268Kb / 3P
TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44515 PASTERNACK-PE44515 Datasheet
147Kb / 1P
QMA MALE RIGHT ANGLE SOLDER CRIMP ATTACHMENT FOR RG55 RG142 RG223 & RG400
PE44788 PASTERNACK-PE44788 Datasheet
224Kb / 3P
N Male Connector Crimp-Solder Attachment For RG223, RG142, RG400, RG55
PE44595 PASTERNACK-PE44595 Datasheet
223Kb / 3P
QN Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PE44978 PASTERNACK-PE44978 Datasheet
200Kb / 3P
QN Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PE44461 PASTERNACK-PE44461 Datasheet
344Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG142, RG223, RG400, RG55
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com