Electronic Components Datasheet Search
  English  ▼

X  

PE44599 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44599
Description  QN Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44599 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44599 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44599 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
QN Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
Configuration
Connector
QN Male
Connector Interface Type
PE-SR402AL,PE-SR402FL,RG402
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.992 [25.2]
Width/Dia., in [mm]
0.748 [19.00]
.
Weight, lbs [g]
0.082 [37.19]
Connector
Type
QN Male
Contact Material and Plating
Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
QN Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QN Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402 PE44599
URL:
http://www.pasternack.com/qn-male-standard-pe-sr402al-pe-sr402fl-rg402-connector-pe44599-p.aspx
PE44599
PE44599 REV 01
QN Male Connector Solder Attachment For
PE-SR402AL, PE-SR402FL, RG402


Similar Part No. - PE44599

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4459 PASTERNACK-PE4459 Datasheet
206Kb / 2P
TNC Female Connector Crimp - Solder Attachment For RG59, RG62
PE4459 PASTERNACK-PE4459 Datasheet
318Kb / 3P
TNC Female Connector Crimp/Solder Attachment
PE44590 PASTERNACK-PE44590 Datasheet
212Kb / 2P
75 Ohm Mini SMB Jack Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44591 PASTERNACK-PE44591 Datasheet
250Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE44592 PASTERNACK-PE44592 Datasheet
247Kb / 3P
HN Male Right Angle Connector Clamp - Solder Attachment For RG14, RG217
More results

Similar Description - PE44599

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4112 PASTERNACK-PE4112 Datasheet
262Kb / 3P
SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4650 PASTERNACK-PE4650 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4671 PASTERNACK-PE4671 Datasheet
309Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4006 PASTERNACK-PE4006 Datasheet
105Kb / 1P
N MALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4778 PASTERNACK-PE4778 Datasheet
257Kb / 2P
RP SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4987 PASTERNACK-PE4987 Datasheet
221Kb / 3P
2.92mm Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44701 PASTERNACK-PE44701 Datasheet
858Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE4723 PASTERNACK-PE4723 Datasheet
214Kb / 2P
RP BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44496 PASTERNACK-PE44496 Datasheet
381Kb / 3P
QMA Male Connector Solder Attachment for PE-SR402AL, PE-SR402FL, RG402
PE44604 PASTERNACK-PE44604 Datasheet
226Kb / 3P
QN Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com