Electronic Components Datasheet Search
  English  ▼

X  

PE44604 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44604
Description  QN Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44604 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44604 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44604 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44604 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
QN Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
Configuration
Connector
QN Male
Connector Interface Type
PE-SR402AL,PE-SR402FL,RG402
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Insertion Loss, dB
0.17
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Frequency 1
Frequency, GHz
DC to 2.5
Return Loss, dB
32
Insertion Loss, dB
0.08
Frequency 2
Frequency, GHz
2.5 to 4
Return Loss, dB
28
Insertion Loss, dB
0.1
Frequency 3
Frequency, GHz
4 to 6
Return Loss, dB
25
Insertion Loss, dB
1.2
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +125
Size
Length, in [mm]
1.039 [26.39]
Width/Dia., in [mm]
0.75 [19.05]
.
Weight, lbs [g]
0.082 [37.19]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: QN Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL,
RG402 PE44604
PE44604
PE44604 REV 01
QN Male Right Angle Connector Solder Attachment
For PE-SR402AL, PE-SR402FL, RG402


Similar Part No. - PE44604

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4460 PASTERNACK-PE4460 Datasheet
354Kb / 3P
75 Ohm TNC Female Connector Clamp - Solder Attachment for RG59, RG62
PE4460 PASTERNACK-PE4460 Datasheet
319Kb / 3P
TNC Female Connector Clamp/Solder Attachment
PE44600 PASTERNACK-PE44600 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE44601 PASTERNACK-PE44601 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141, RG303
PE44602 PASTERNACK-PE44602 Datasheet
208Kb / 2P
QN Male Right Angle Connector Crimp/ Solder Attachment For RG213, RG215
More results

Similar Description - PE44604

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4112 PASTERNACK-PE4112 Datasheet
262Kb / 3P
SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4092 PASTERNACK-PE4092 Datasheet
288Kb / 2P
BNC Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4650 PASTERNACK-PE4650 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4083 PASTERNACK-PE4083 Datasheet
276Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4936 PASTERNACK-PE4936 Datasheet
216Kb / 2P
N Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4987 PASTERNACK-PE4987 Datasheet
221Kb / 3P
2.92mm Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44496 PASTERNACK-PE44496 Datasheet
381Kb / 3P
QMA Male Connector Solder Attachment for PE-SR402AL, PE-SR402FL, RG402
PE44498 PASTERNACK-PE44498 Datasheet
227Kb / 3P
QMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44599 PASTERNACK-PE44599 Datasheet
215Kb / 2P
QN Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4790 PASTERNACK-PE4790 Datasheet
227Kb / 3P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com