Electronic Components Datasheet Search
  English  ▼

X  

62017 Datasheet(PDF) 1 Page - Micropac Industries

Part # 62017
Description  GaAs LIGHT EMITTING DIODE ?쏱IGTAIL?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62017 Datasheet(HTML) 1 Page - Micropac Industries

  62017 Datasheet HTML 1Page - Micropac Industries 62017 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 26
62017
GaAs LIGHT EMITTING DIODE “PIGTAIL”
(TYPE GS3040)
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
Hermetically sealed
High output, 940nm
Small package
PC board mountable
Spectrally matched to the 61053 series detector
Applications:
Incremental encoding
Reflective sensors
Position sensors
Level sensors
DESCRIPTION
The 62017 is a P-N GaAs Infrared Light Emitting Diode in a lensed coaxial package designed to be mounted in a single-
clad printed circuit board. It is spectrally and mechanically matched to companion phototransistors and photodarlingtons
with its narrow beam angle lens and small size which make it ideal for use in optical encoders, card reader arrays, etc. This
device is also available with a lead attached to the case so that it may be connected without the use of a printed board.
Available binned to customer specifications and/or screened to MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature .........................................................................................................................................-65°C to +150°C
Operating Temperature ......................................................................................................................................-65°C to +125°C
Reverse Voltage( at 25°C case temperature) ..............................(See note 1) ..................................................................2Vdc
Forward Current-Continuous.............................................................................................................................................100mA
Soldering Temperature (3 Minutes) ................................................................................................................................... 240°C
NOTES:
1.
Derate linearly to 125°C free-air temperature at the rate of 1mA/
°C.
Package Dimensions
Schematic Diagram
Ø.025 [0.64]
0.114 [2.90]
0.100 [2.54]
0.089 [2.26]
OPTIONAL
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
Ø0.095 [Ø2.41]
Ø0.063 [Ø1.60]
Ø0.077 [Ø1.96]
1.000 [25.40]
K
A
A
K


Similar Part No. - 62017

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
62017131822 WURTH-62017131822 Datasheet
1Mb / 1P
2.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
More results

Similar Description - 62017

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN162S PANASONIC-LN162S Datasheet
39Kb / 2P
GaAs Infrared Light Emitting Diode
LN52 PANASONIC-LN52 Datasheet
44Kb / 3P
GaAs Infrared Light Emitting Diode
LN54 PANASONIC-LN54 Datasheet
44Kb / 3P
GaAs Infrared Light Emitting Diode
LN55 PANASONIC-LN55 Datasheet
38Kb / 2P
GaAs Infrared Light Emitting Diode
LN58 PANASONIC-LN58 Datasheet
44Kb / 3P
GaAs Infrared Light Emitting Diode
LN65 PANASONIC-LN65 Datasheet
44Kb / 3P
GaAs Infrared Light Emitting Diode
LN66L PANASONIC-LN66L Datasheet
42Kb / 3P
GaAs Infrared Light Emitting Diode
LN69 PANASONIC-LN69 Datasheet
40Kb / 2P
GaAs Infrared Light Emitting Diode
LNA2W01L PANASONIC-LNA2W01L Datasheet
44Kb / 3P
GaAs Infrared Light Emitting Diode
LNA4905L PANASONIC-LNA4905L Datasheet
21Kb / 1P
GaAs Infrared Light Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com