Electronic Components Datasheet Search
  English  ▼

X  

PE44606 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44606
Description  QN Female Bulkhead Connector Crimp - Solder Attachment For RG58, RG141, RG303, .500 inch Diameter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44606 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44606 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44606 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44606 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
QN Female Bulkhead Connector Crimp/Solder Attachment For RG58, RG141, RG303, .500 inch Diameter
Configuration
Connector
QN Female
Connector Interface Type
RG58,RG141,RG303
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Return Loss, dB
0.17
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Frequency 1
Frequency, GHz
DC to 2.5
Return Loss, dB
25
Insertion Loss, dB
0.08
Frequency 2
Frequency, GHz
2.5 to 6
Return Loss, dB
20
Insertion Loss, dB
0.12
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +125
Size
Length, in [mm]
1.67 [42.42]
Width/Dia., in [mm]
0.67 [17.02]
.
Weight, lbs [g]
0.082 [37.19]
Connector
Type
QN Female
Mating Cycles
100
Contact Material and Plating
Spring Bronze, Gold
Contact Plating Specification
6µ in. minimum
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: QN Female Bulkhead Connector Crimp/Solder Attachment For RG58, RG141, RG303,
.500 inch Diameter PE44606
PE44606
PE44606 REV 01
QN Female Bulkhead Connector Crimp/Solder Attachment
For RG58, RG141, RG303, .500 inch Diameter


Similar Part No. - PE44606

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4460 PASTERNACK-PE4460 Datasheet
354Kb / 3P
75 Ohm TNC Female Connector Clamp - Solder Attachment for RG59, RG62
PE4460 PASTERNACK-PE4460 Datasheet
319Kb / 3P
TNC Female Connector Clamp/Solder Attachment
PE44600 PASTERNACK-PE44600 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE44601 PASTERNACK-PE44601 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141, RG303
PE44602 PASTERNACK-PE44602 Datasheet
208Kb / 2P
QN Male Right Angle Connector Crimp/ Solder Attachment For RG213, RG215
More results

Similar Description - PE44606

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44460 PASTERNACK-PE44460 Datasheet
265Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE4808 PASTERNACK-PE4808 Datasheet
252Kb / 2P
D-Sub Plug Contact Crimp/Solder Attachment For RG58, RG141, RG303
PE4800 PASTERNACK-PE4800 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG58,RG141,RG303
PE44605 PASTERNACK-PE44605 Datasheet
224Kb / 3P
QN Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400, .500 inch Diameter
PE44607 PASTERNACK-PE44607 Datasheet
218Kb / 3P
QN Female Bulkhead Connector Crimp/Solder Attachment For RG213, RG215, .500 inch Diameter
PE44596 PASTERNACK-PE44596 Datasheet
221Kb / 3P
QN Male Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE44509 PASTERNACK-PE44509 Datasheet
214Kb / 2P
QMA Female Bulkhead Connector Crimp - Solder Attachment For RG58, RG141, .268 inch D Hole
PE44601 PASTERNACK-PE44601 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141, RG303
PE44608 PASTERNACK-PE44608 Datasheet
219Kb / 3P
QN Female Bulkhead Connector Crimp - Solder Attachment For RG214, RG225, .500 inch Diameter
PE45071 PASTERNACK-PE45071 Datasheet
485Kb / 5P
QN Male Connector Crimp/Solder Attachment for RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com