Electronic Components Datasheet Search
  English  ▼

X  

PE44608 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44608
Description  QN Female Bulkhead Connector Crimp - Solder Attachment For RG214, RG225, .500 inch Diameter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44608 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44608 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44608 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44608 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
QN Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG225, .500 inch Diameter
Configuration
Connector
QN Female
Connector Interface Type
RG214,RG225
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Return Loss, dB
0.17
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Frequency 1
Frequency, MHz
DC to 1,000
Return Loss, dB
32
Insertion Loss, dB
0.05
Frequency 2
Frequency, GHz
1 to 6
Return Loss, dB
27
Insertion Loss, dB
0.12
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +125
Size
Length, in [mm]
1.68 [42.67]
Width/Dia., in [mm]
0.67 [17.02]
.
Weight, lbs [g]
0.137 [62.14]
Connector
Type
QN Female
Mating Cycles
100
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QN Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG225, .500 inch
Diameter PE44608
PE44608
PE44608 REV 01
QN Female Bulkhead Connector Crimp/Solder
Attachment For RG214, RG225, .500 inch Diameter


Similar Part No. - PE44608

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4460 PASTERNACK-PE4460 Datasheet
354Kb / 3P
75 Ohm TNC Female Connector Clamp - Solder Attachment for RG59, RG62
PE4460 PASTERNACK-PE4460 Datasheet
319Kb / 3P
TNC Female Connector Clamp/Solder Attachment
PE44600 PASTERNACK-PE44600 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE44601 PASTERNACK-PE44601 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141, RG303
PE44602 PASTERNACK-PE44602 Datasheet
208Kb / 2P
QN Male Right Angle Connector Crimp/ Solder Attachment For RG213, RG215
More results

Similar Description - PE44608

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4575 PASTERNACK-PE4575 Datasheet
263Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4932 PASTERNACK-PE4932 Datasheet
215Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393, .640 inch DD Hole
PE4941 PASTERNACK-PE4941 Datasheet
266Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393, .640 inch DD Hole
PE44605 PASTERNACK-PE44605 Datasheet
224Kb / 3P
QN Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400, .500 inch Diameter
PE44607 PASTERNACK-PE44607 Datasheet
218Kb / 3P
QN Female Bulkhead Connector Crimp/Solder Attachment For RG213, RG215, .500 inch Diameter
PE44477 PASTERNACK-PE44477 Datasheet
204Kb / 2P
RP N Female Connector Crimp-Solder Attachment For RG214, RG9, RG225, RG393
PE44598 PASTERNACK-PE44598 Datasheet
207Kb / 2P
QN Male Connector Crimp - Solder Attachment For RG214, RG225
PE44603 PASTERNACK-PE44603 Datasheet
209Kb / 2P
QN Male Right Angle Connector Crimp - Solder Attachment For RG214, RG225
PE44606 PASTERNACK-PE44606 Datasheet
234Kb / 3P
QN Female Bulkhead Connector Crimp - Solder Attachment For RG58, RG141, RG303, .500 inch Diameter
PE44609 PASTERNACK-PE44609 Datasheet
221Kb / 2P
QN Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .500 inch Diameter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com