Electronic Components Datasheet Search
  English  ▼

X  

PE44968 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44968
Description  Mini SMP Male Right Angle Full Detent Connector Solder Attachment Surface Mount PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44968 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44968 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44968 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44968 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
Mini SMP Male, Full Detent
Connector Specification
MIL-STD-348
Connector Interface Type
Surface Mount
Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.165 in [4.19 mm]
Width/Dia.
0.133 in [3.38 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
Mini SMP Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Torlon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Mini SMP Male Right Angle Full Detent Connector Solder Attachment Surface Mount PCB
PE44968
PE44968
PE44968 REV 1.0
Mini SMP Male Right Angle Full Detent Connector
Solder Attachment Surface Mount PCB


Similar Part No. - PE44968

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4496 PASTERNACK-PE4496 Datasheet
109Kb / 1P
SHV PLUG CRIMP ATTACHMENT FOR RG8 &RG213
PE44960 PASTERNACK-PE44960 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB .145 inch Pin Length
PE44961 PASTERNACK-PE44961 Datasheet
380Kb / 3P
SMP Male Bulkhead Mount Smooth Bore Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
PE44962 PASTERNACK-PE44962 Datasheet
384Kb / 3P
SMP Male Bulkhead Mount Full Detent Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
PE44963 PASTERNACK-PE44963 Datasheet
374Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length Pre-Tinned
More results

Similar Description - PE44968

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44489 PASTERNACK-PE44489 Datasheet
253Kb / 3P
Mini SMP Male Connector Solder Attachment Surface Mount PCB
PE44969 PASTERNACK-PE44969 Datasheet
380Kb / 3P
Mini SMP Male Precision Full Detent Connector Solder Attachment Edge Launch PCB
PE44970 PASTERNACK-PE44970 Datasheet
370Kb / 3P
Mini SMP Male Full Detent Connector Solder Attachment Thru Hole PCB Low Profile
PE44481 PASTERNACK-PE44481 Datasheet
351Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB
PE44934 PASTERNACK-PE44934 Datasheet
381Kb / 3P
SMP Male Right Angle Full Detent Connector Solder Attachment Thru Hole PCB
PE44943 PASTERNACK-PE44943 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment .062 inch End Launch PCB
PE44946 PASTERNACK-PE44946 Datasheet
373Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB Right Angle Center Contact
PE44952 PASTERNACK-PE44952 Datasheet
378Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB with Raised Right Angle Center Contact
PE44955 PASTERNACK-PE44955 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment Edge Launch PCB
PE44965 PASTERNACK-PE44965 Datasheet
381Kb / 3P
SMP Male Full Detent Connector Solder Attachment Through Hole PCB Right Angle Center Contact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com