Electronic Components Datasheet Search
  English  ▼

X  

62033 Datasheet(PDF) 1 Page - Micropac Industries

Part # 62033
Description  GaAs LIGHT EMITTING DIODE, TO-46 PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62033 Datasheet(HTML) 1 Page - Micropac Industries

  62033 Datasheet HTML 1Page - Micropac Industries 62033 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 28
62033 GaAs LIGHT EMITTING DIODE, TO-46 PACKAGE
(TYPE GS5040)
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
•
Hermetically sealed
•
High output, 940nm
•
Small package
•
Spectrally matched to the 61058 series detector
Applications:
•
Touch screen arrays
•
Reflective sensors
•
Position sensors
•
Level sensors
DESCRIPTION
The 62033 is a P-N GaAs Infrared Light Emitting Diode in a TO-46 package and is spectrally matched to silicon
phototransistors and photodarlingtons. Available binned to customer specifications and/or screened to MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS 25°C FREE AIR TEMPERATURE UNLESS NOTED
Storage Temperature............................................................................................................................................. -40°C to +100°C
Operating Temperature ........................................................................................................................................... -40°C to +80°C
Reverse Voltage (at 25°C case temperature) ..............................(See note 1)...................................................................... 2Vdc
Forward Current-Continuous ................................................................................................................................................ 200mA
Soldering Temperature (1/16 inch from case for 10 seconds).............................................................................................. 240°C
NOTES:
1.
Derate linearly to 80°C case temperature at the rate of 3.6mA/°C.
Package Dimensions
Schematic Diagram
THE ANODE IS IN ELECTRICAL
CONTACT WITH THE CASE
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
ANODE
45°
Ø0.100 [Ø2.54]
Ø0.100 [Ø2.54]
Ø0.100 [Ø2.54]
0.048 [1.22]
0.028 [0.71]
0.046 [1.17]
0.036 [0.91]
0.230Ø [5.84]
0.209Ø [5.31]
0.210 [5.33]
0.170 [4.32]
0.030 [0.76] MAX
0.195Ø [4.95]
0.178Ø [4.52]
0.500 [12.70]
MIN
CATHODE
2 LEADS
0.019 Ø [0.48]
0.016Ø [0.41]
K
A


Similar Part No. - 62033

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
62033124022 WURTH-62033124022 Datasheet
715Kb / 1P
2.00 MM SMT MALE VERTICAL SHROUDED HEADER
More results

Similar Description - 62033

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN54 PANASONIC-LN54 Datasheet
44Kb / 3P
GaAs Infrared Light Emitting Diode
LN65 PANASONIC-LN65 Datasheet
44Kb / 3P
GaAs Infrared Light Emitting Diode
LN66L PANASONIC-LN66L Datasheet
42Kb / 3P
GaAs Infrared Light Emitting Diode
LNA2W01L PANASONIC-LNA2W01L Datasheet
44Kb / 3P
GaAs Infrared Light Emitting Diode
LNA4905L PANASONIC-LNA4905L Datasheet
21Kb / 1P
GaAs Infrared Light Emitting Diode
logo
Unity Opto Technology
MIE-406A2U UOT-MIE-406A2U Datasheet
32Kb / 2P
AlGaAs/GaAs HIGH POWER TO-46 PACKAGE INFRARED EMITTING DIODE
MIE-406A4U UOT-MIE-406A4U Datasheet
32Kb / 2P
AlGaAs/GaAs HIGH POWER TO-46 PACKAGE INFRARED EMITTING DIODE
logo
Micropac Industries
62017 MICROPAC-62017 Datasheet
89Kb / 2P
GaAs LIGHT EMITTING DIODE ?쏱IGTAIL?
62038 MICROPAC-62038 Datasheet
80Kb / 2P
GaAs LIGHT EMITTING DIODE, TO-46 PACKAGE
logo
Honeywell Accelerometer...
SE5455-003 HONEYWELL-ACC-SE5455-003 Datasheet
67Kb / 5P
SE Series GaAs Infrared Emitting Diode, TO-46 Metal Can Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com