Electronic Components Datasheet Search
  English  ▼

X  

PE44971 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44971
Description  Mini SMP Female Connector Solder Attachment for PE-047SR, PE-SR047FL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44971 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44971 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44971 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44971 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
Mini SMP Female
Connector Specification
MIL-STD-348
Connector Interface Type
PE-047SR, PE-SR047FL
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.29 in [7.37 mm]
Width/Dia.
0.125 in [3.18 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
Mini SMP Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Mini SMP Female Connector Solder Attachment for PE-047SR, PE-SR047FL PE44971
PE44971
PE44971 REV 1.0
Mini SMP Female Connector Solder Attachment
for PE-047SR, PE-SR047FL


Similar Part No. - PE44971

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4497 PASTERNACK-PE4497 Datasheet
112Kb / 1P
SHV PLUG CRIMP ATTACHMENT FOR RG55 RG142 RG223 &RG400
PE44970 PASTERNACK-PE44970 Datasheet
370Kb / 3P
Mini SMP Male Full Detent Connector Solder Attachment Thru Hole PCB Low Profile
PE44972 PASTERNACK-PE44972 Datasheet
375Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL
PE44973 PASTERNACK-PE44973 Datasheet
363Kb / 3P
Mini SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length Full Radius
PE44974 PASTERNACK-PE44974 Datasheet
364Kb / 3P
Mini SMP Female Connector Solder Attachment for RG405, PE-SR405FL
More results

Similar Description - PE44971

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44273 PASTERNACK-PE44273 Datasheet
216Kb / 2P
SMP Female Connector Solder Attachment For PE- 047SR, PE-SR047AL, PE-SR047FL, 18 GHz Version
PE44491 PASTERNACK-PE44491 Datasheet
231Kb / 3P
Mini SMP Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44274 PASTERNACK-PE44274 Datasheet
279Kb / 2P
SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44771 PASTERNACK-PE44771 Datasheet
269Kb / 3P
SMP Female Connector Solder Attachment For PE-047SR,PE-SR047AL, PE-SR047FL, Up To 8 GHz
PE44493 PASTERNACK-PE44493 Datasheet
286Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4418 PASTERNACK-PE4418 Datasheet
413Kb / 3P
SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE44785 PASTERNACK-PE44785 Datasheet
331Kb / 3P
SMP Female Precision Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44911 PASTERNACK-PE44911 Datasheet
380Kb / 3P
SMP Female Right Angle Connector Solder Attachment for PE-047SR, PE-SR047FL
PE44425 PASTERNACK-PE44425 Datasheet
228Kb / 3P
SSMA Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE45277 PASTERNACK-PE45277 Datasheet
364Kb / 3P
SMP Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL, Up To 8 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com