Electronic Components Datasheet Search
  English  ▼

X  

PE44995 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44995
Description  N Male Connector Clamp - Solder Attachment For 1 - 2 inch Annular, IP 67 Rated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44995 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44995 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44995 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Male
Connector Interface Type
1/2 inch Annular
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Maximum VSWR
1.1:1
Dielectric Withstanding Voltage, Vrms
2,500
Maximum Passive Intermodulation (2 x 20 Watts), dBc
-160
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +155
Size
Length, in [mm]
2.47 [62.74]
Width/Dia., in [mm]
0.88 [22.35]
.
Connector
Type
N Male
Contact Material and Plating
Spring Copper, Silver
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, Inch
3/4
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Male Connector Clamp/Solder Attachment For 1/2 inch Annular, IP 67 Rated from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Connector Clamp/Solder Attachment For 1/2 inch Annular, IP 67 Rated PE44995
URL:
http://www.pasternack.com/n-male-standard-1-2-inch-annular-connector-pe44995-p.aspx
PE44995
PE44995 REV 1.0
N Male Connector Clamp/Solder Attachment
For 1/2 inch Annular, IP 67 Rated


Similar Part No. - PE44995

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4499 PASTERNACK-PE4499 Datasheet
868Kb / 2P
SHV Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4499 PASTERNACK-PE4499 Datasheet
347Kb / 3P
SHV Jack Bulkhead Mount Connector Solder Attachment
PE44993 PASTERNACK-PE44993 Datasheet
243Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44994 PASTERNACK-PE44994 Datasheet
224Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE44996 PASTERNACK-PE44996 Datasheet
420Kb / 3P
SMA Male Right Angle Connector Clamp - Solder Attachment for RG402, PE-P141, PE-SR402FLJ
More results

Similar Description - PE44995

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44563 PASTERNACK-PE44563 Datasheet
336Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44565 PASTERNACK-PE44565 Datasheet
302Kb / 2P
N Female Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44566 PASTERNACK-PE44566 Datasheet
330Kb / 2P
N Female Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44554 PASTERNACK-PE44554 Datasheet
216Kb / 2P
N Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44567 PASTERNACK-PE44567 Datasheet
237Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44569 PASTERNACK-PE44569 Datasheet
231Kb / 3P
7/16 DIN Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44562 PASTERNACK-PE44562 Datasheet
318Kb / 2P
N Male Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44552 PASTERNACK-PE44552 Datasheet
420Kb / 3P
N Male Connector Clamp-Non-Solder Contact Attachment for 1-2 inch Helical
PE44564 PASTERNACK-PE44564 Datasheet
225Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE45358 PASTERNACK-PE45358 Datasheet
410Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment for 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com