Electronic Components Datasheet Search
  English  ▼

X  

PE45002 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45002
Description  N Male Low PIM For RG402, PE-SR402FL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45002 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45002 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Male
Connector Interface Type
RG402, PE-SR402FL
Connector Design
Low PIM
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 6 GHz
Impedance
50 Ohms
Maximum VSWR
1.2:1
Maximum Passive Intermodulation (2 x 20 Watts)
-160 dBc
Frequency 1
Frequency
DC to 3 GHz
VSWR
1.15:1
Mechanical Specifications
Size
Length
0.96 in [24.38 mm]
Width/Dia.
0.75 in [19.05 mm]
.
Connector
Type
N Male
Contact Material and Plating
Brass, Silver
Hex Size
3/4 inch
Body Material and Plating
Brass, Silver
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Low PIM For RG402, PE-SR402FL PE45002
PE45002
PE45002 REV 1.0
N Male Low PIM For RG402, PE-SR402FL


Similar Part No. - PE45002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4500 PASTERNACK-PE4500 Datasheet
217Kb / 3P
SHV Jack Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4500 PASTERNACK-PE4500 Datasheet
319Kb / 3P
SHV Jack Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE45000 PASTERNACK-PE45000 Datasheet
342Kb / 3P
7/16 DIN Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .120 inch Diameter
PE45001 PASTERNACK-PE45001 Datasheet
402Kb / 3P
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment for LMR-600, PE-C600
PE45004 PASTERNACK-PE45004 Datasheet
248Kb / 2P
RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG196, RG178
More results

Similar Description - PE45002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4112 PASTERNACK-PE4112 Datasheet
262Kb / 3P
SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4650 PASTERNACK-PE4650 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4006 PASTERNACK-PE4006 Datasheet
105Kb / 1P
N MALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4936 PASTERNACK-PE4936 Datasheet
216Kb / 2P
N Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4987 PASTERNACK-PE4987 Datasheet
221Kb / 3P
2.92mm Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44701 PASTERNACK-PE44701 Datasheet
858Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44496 PASTERNACK-PE44496 Datasheet
381Kb / 3P
QMA Male Connector Solder Attachment for PE-SR402AL, PE-SR402FL, RG402
PE44599 PASTERNACK-PE44599 Datasheet
215Kb / 2P
QN Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44279 PASTERNACK-PE44279 Datasheet
118Kb / 1P
7/16 MALE SOLDER/CLAMP ATTACHMENT FOR RG402, PE-SR402AL & PE-SR402FL
PE45301 PASTERNACK-PE45301 Datasheet
387Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, IP67 Rated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com