Electronic Components Datasheet Search
  English  ▼

X  

PE45047 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45047
Description  N Female Bulkhead Mount Connector Crimp - Solder Attachment for LMR-200, PE-C200 IP 67
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45047 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45047 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45047 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45047 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Female
Connector Interface Type
LMR-200, PE-C200
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
50 Ohms
Maximum VSWR
1.2:1
Maximum Insertion Loss
0.1 dB
Dielectric Withstanding Voltage
1,000 Vrms
Mechanical Specifications
Temperature
Operating Range
-40 to +85 deg C
Size
Length
1.66 in [42.16 mm]
Width/Dia.
0.86 in [21.84 mm]
.
Connector
Type
N Female
Mating Cycles
500
Contact Material and Plating
Copper, Silver
Contact Plating Specification
196µ in. minimum
Hex Size
1/2 Inch
Body Material and Plating
Brass, Nickel
Body Plating Specification
196µ in. minimum
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead Mount Connector Crimp/Solder Attachment for LMR-200, PE-C200 IP
67 PE45047
PE45047
PE45047 REV 1.0
N Female Bulkhead Mount Connector Crimp/Solder
Attachment for LMR-200, PE-C200 IP 67


Similar Part No. - PE45047

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4504 PASTERNACK-PE4504 Datasheet
219Kb / 3P
75 Ohm N Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4504 PASTERNACK-PE4504 Datasheet
325Kb / 3P
75 Ohm N Male Connector Solder Attachment
PE45040 PASTERNACK-PE45040 Datasheet
370Kb / 3P
SMA Male Connector Crimp - Solder Attachment for LMR200, PE-C200
PE45045 PASTERNACK-PE45045 Datasheet
393Kb / 3P
BNC Male Connector Crimp-Solder Attachment for RG174, RG316 Up to 4GHz
PE45046 PASTERNACK-PE45046 Datasheet
454Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment for LMR-195, PE-C195, PE-P195
More results

Similar Description - PE45047

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44044 PASTERNACK-PE44044 Datasheet
223Kb / 3P
N Male Connector Crimp/Solder Attachment For PE-C200
PE44843 PASTERNACK-PE44843 Datasheet
270Kb / 3P
BNC Male Right Angle Connector Crimp-Solder Attachment For PE-C200, LMR-200
PE44844 PASTERNACK-PE44844 Datasheet
254Kb / 2P
N Male Right Angle Connector Crimp-Solder Attachment For PE-C200, LMR-200
PE44845 PASTERNACK-PE44845 Datasheet
254Kb / 2P
SMA Male Right Angle Connector Crimp - Solder Attachment For PE-C200, LMR-200
PE44846 PASTERNACK-PE44846 Datasheet
364Kb / 3P
TNC Male Right Angle Connector Crimp - Solder Attachment For PE-C200, LMR-200
PE44847 PASTERNACK-PE44847 Datasheet
280Kb / 3P
TNC Female Right Angle Bulkhead Connector Crimp - Solder Attachment For PE-C200, LMR-200, .480 inch D Hole
PE44902 PASTERNACK-PE44902 Datasheet
401Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE44903 PASTERNACK-PE44903 Datasheet
413Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE45224 PASTERNACK-PE45224 Datasheet
345Kb / 3P
QMA Male Snap-On Connector Crimp/Solder Attachment for LMR-200, PE-C200
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com