Electronic Components Datasheet Search
  English  ▼

X  

PE45050 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45050
Description  Reverse Polarity MCX Male Right Angle Push-On Connector Crimp - Solder Attachment for RG316, RG188, RG174
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45050 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45050 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45050 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45050 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
MCX Male Reverse Polarity, Push-On
Connector Interface Type
RG316, RG188, RG174
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range
DC to 6 GHz
Impedance
50 Ohms
Maximum VSWR
1.3:1
Maximum Operating Voltage
335 Volts
Dielectric Withstanding Voltage
1,000 Vrms
Mechanical Specifications
Size
Length
0.34 in [8.64 mm]
Width/Dia.
0.2 in [5.08 mm]
Height
0.56 in [14.22 mm]
.
Connector
Type
MCX Male Reverse Polarity
Contact Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Beryllium Copper, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Reverse Polarity MCX Male Right Angle Push-On Connector Crimp/Solder Attachment for
RG316, RG188, RG174 PE45050
PE45050
PE45050 REV 1.0
Reverse Polarity MCX Male Right Angle Push-On Connector
Crimp/Solder Attachment for RG316, RG188, RG174


Similar Part No. - PE45050

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4505 PASTERNACK-PE4505 Datasheet
207Kb / 2P
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE4505 PASTERNACK-PE4505 Datasheet
315Kb / 3P
75 Ohm N Female Bulkhead Mount Connector Solder Attachment
PE45051 PASTERNACK-PE45051 Datasheet
361Kb / 3P
Reverse Polarity MCX Male Right Angle Push-On Connector Crimp - Solder Attachment for RG178, RG196
PE45053 PASTERNACK-PE45053 Datasheet
375Kb / 3P
SMA Female Field Replaceable Connector 4 Hole Flange Mount 0.036 Inch Pin .500 inch Flange Size
PE45054 PASTERNACK-PE45054 Datasheet
373Kb / 3P
SMA Female Field Replaceable Connector 2 Hole Flange Mount 0.020 Inch Pin
More results

Similar Description - PE45050

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4551 PASTERNACK-PE4551 Datasheet
261Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4680 PASTERNACK-PE4680 Datasheet
121Kb / 1P
REVERSE POLARITY TNC MALE RIGHT ANGLE CLAMP ATTACHMENT FOR RG174 RG188 &RG316
PE44504 PASTERNACK-PE44504 Datasheet
260Kb / 2P
QMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4786 PASTERNACK-PE4786 Datasheet
118Kb / 1P
REVERSE POLARITY SMA MALE RIGHT ANGLE SOLDER ATTACHMENT FOR RG174,RG188&RG316
PE4553 PASTERNACK-PE4553 Datasheet
295Kb / 3P
MCX Plug Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4562 PASTERNACK-PE4562 Datasheet
356Kb / 3P
MCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE45051 PASTERNACK-PE45051 Datasheet
361Kb / 3P
Reverse Polarity MCX Male Right Angle Push-On Connector Crimp - Solder Attachment for RG178, RG196
PE44378 PASTERNACK-PE44378 Datasheet
214Kb / 3P
SSMA Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE45284 PASTERNACK-PE45284 Datasheet
381Kb / 3P
QMA Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com