Electronic Components Datasheet Search
  English  ▼

X  

66004 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66004
Description  40kV HIGH VOLTAGE ISOLATOR WITH PHOTOTRANSISTOR or PHOTODARLINGTON OUTPUT, CERAMIC PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66004 Datasheet(HTML) 2 Page - Micropac Industries

  66004 Datasheet HTML 1Page - Micropac Industries 66004 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
7 - 4
66004
40kV HIGH VOLTAGE ISOLATER
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode Static Reverse Current
66004-X01
66004-X02
IR
100
µA
VR = 2V
Input Diode Static Forward Voltage
66004-X01
66004-X02
VF
1.15
1.8
V
IF = 20mA
Reverse Breakdown Voltage
66004-X01
66004-X02
BVR
210
V
IR = 100µA
Input Diode Capacitance
66004-X01
66004-X02
CIN
25
pF
V = 0V, f = 1MHz
OUTPUT TRANSISTOR
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Collector-Emitter Breakdown Voltage
V(BR)CEO
35
V
IC = 1mA, IB = 0, IF = 0
Collector-Emitter Dark Current
ICEO
75
300
nA
nA
VCE = 10V, IF = 0mA
COUPLED CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Current Transfer Ratio
66004-X01
66004-X02
CTR
5
100
%VCE = 5V, IF = 10mA
Collector-Emitter Saturation Voltage
66004-X01
66004-X02
VCE(SAT)
0.5
1.2
VIF = 50mA, IC = 1mA
DC Isolation Voltage
66004-X01
66004-X02
VISO
40
40
kV
Rise Time
66004-X01
66004-X02
tr
10
20
µsVCC = 5V, IF =16mA, RL=100Ω
Fall Time
66004-X01
66004-X02
tf
10
20
µsVCC = 5V, IF =16mA, RL=100Ω
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, High Level
IFH
16
50
mA
Supply Voltage
VCE
510
V
Operating Temperature
TA
-55
125
°C
SELECTION GUIDE
PART #
PART DESCRIPTION
66004-001
Transistor output, military operating range (-55° to +125°C)
66004-101
Transistor output, full mil-temp (-55° to +125°C) with 100% device screening (on discrete components)
66004-011
Transistor output, commercial version Isolator(0° to 70°C)
66004-002
Darlington output, military operating range (-55° to +125°C)
66004-102
Darlington output, full mil-temp (-55° to +125°C) with 100% device screening (on discrete components)
66004-012
Darlington output, commercial version Isolator(0° to 70°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com