Electronic Components Datasheet Search
  English  ▼

X  

PE45085 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45085
Description  N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45085 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45085 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45085 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Female
Connector Interface Type
Solder Cup
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
1.13 in [28.7 mm]
Width/Dia.
1 in [25.40 mm]
Height
1 in [25.4 mm]
.
Connector
Type
N Female
Contact Material and Plating
Phosphor Bronze, Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal PE45085
URL: http://www.pasternack.com/n-female-solder-cup-terminal-connector-pe45085-p.aspx
PE45085
PE45085 REV 1.0
N Female Connector Solder Attachment 4 Hole
Flange Mount Solder Cup Terminal


Similar Part No. - PE45085

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4508 PASTERNACK-PE4508 Datasheet
222Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment For RG6
PE4508 PASTERNACK-PE4508 Datasheet
322Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
PE45086 PASTERNACK-PE45086 Datasheet
340Kb / 3P
75 Ohm MCX Plug Right Angle Push-On Connector Crimp - Solder Attachment for RG179, RG187
PE4508 PASTERNACK-PE4508_16 Datasheet
322Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
More results

Similar Description - PE45085

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44610 PASTERNACK-PE44610 Datasheet
215Kb / 3P
QN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal
PE4000 PASTERNACK-PE4000_16 Datasheet
350Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4004 PASTERNACK-PE4004_16 Datasheet
358Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
PE4010 PASTERNACK-PE4010_16 Datasheet
360Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4012 PASTERNACK-PE4012_16 Datasheet
360Kb / 3P
UHF Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4013 PASTERNACK-PE4013_16 Datasheet
355Kb / 3P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064 PASTERNACK-PE4064_16 Datasheet
362Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064SP PASTERNACK-PE4064SP_16 Datasheet
366Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4131 PASTERNACK-PE4131_16 Datasheet
351Kb / 3P
N Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4241 PASTERNACK-PE4241_16 Datasheet
352Kb / 3P
C Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com