Electronic Components Datasheet Search
  English  ▼

X  

PE45086 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45086
Description  75 Ohm MCX Plug Right Angle Push-On Connector Crimp - Solder Attachment for RG179, RG187
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45086 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45086 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45086 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45086 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
MCX Plug, Push-On
Connector Specification
MIL-C-39012
Connector Interface Type
RG179, RG187
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
75 Ohms
Mechanical Specifications
Size
Length
0.34 in [8.64 mm]
Width/Dia.
0.2 in [5.08 mm]
Height
0.58 in [14.73 mm]
.
Connector
Type
MCX Plug
Contact Material and Plating
Brass, Gold
Outer Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm MCX Plug Right Angle Push-On Connector Crimp/Solder Attachment for RG179,
RG187 PE45086
PE45086
PE45086 REV 1.0
75 Ohm MCX Plug Right Angle Push-On Connector
Crimp/Solder Attachment for RG179, RG187


Similar Part No. - PE45086

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4508 PASTERNACK-PE4508 Datasheet
222Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment For RG6
PE4508 PASTERNACK-PE4508 Datasheet
322Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
PE45085 PASTERNACK-PE45085 Datasheet
358Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4508 PASTERNACK-PE4508_16 Datasheet
322Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
More results

Similar Description - PE45086

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4604 PASTERNACK-PE4604 Datasheet
311Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG179, RG187
PE4610 PASTERNACK-PE4610 Datasheet
220Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment For RG179, RG187
PE4995 PASTERNACK-PE4995 Datasheet
217Kb / 2P
75 Ohm Mini SMB Plug Right Angle Connector Crimp/Solder Attachment For RG179, RG187
PE4248 PASTERNACK-PE4248 Datasheet
250Kb / 1P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG179,RG187
PE44298 PASTERNACK-PE44298 Datasheet
279Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG179, RG187
PE44299 PASTERNACK-PE44299 Datasheet
295Kb / 3P
75 Ohm MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG179, RG187
PE44445 PASTERNACK-PE44445 Datasheet
206Kb / 2P
75 Ohm SMB Positive Snap Plug Right Angle Connector Crimp/Solder Attachment For RG179, RG187
PE4249 PASTERNACK-PE4249 Datasheet
250Kb / 3P
75 Ohm SMC Plug Connector Crimp-Solder Attachment For RG179, RG187
PE4252 PASTERNACK-PE4252 Datasheet
265Kb / 2P
75 Ohm SMC Plug Right Angle Connector Crimp - Solder Attachment For RG179, RG187
PE44262 PASTERNACK-PE44262 Datasheet
212Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp Solder Attachment For RG179, RG187
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com