Electronic Components Datasheet Search
  English  ▼

X  

PE45160 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45160
Description  N Male Right Angle Connector Clamp - Solder Attachment for RG188-DS, RG316-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45160 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45160 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45160 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45160 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG188-DS, RG316-DS
Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range
DC to 11 GHz
Impedance
50 Ohms
Maximum Operating Voltage
1,000 Volts
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
1.35 in [34.29 mm]
Width/Dia.
0.827 in [21.01 mm]
Height
1.15 in [29.21 mm]
.
Weight
0.123 lbs [55.79 g]
Connector
Type
N Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Right Angle Connector Clamp/Solder Attachment for RG188-DS, RG316-DS PE45160
PE45160
PE45160 REV 1.0
N Male Right Angle Connector Clamp/Solder
Attachment for RG188-DS, RG316-DS


Similar Part No. - PE45160

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4516 PASTERNACK-PE4516 Datasheet
214Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4516 PASTERNACK-PE4516 Datasheet
316Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
PE45161 PASTERNACK-PE45161 Datasheet
414Kb / 3P
TNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
PE45162 PASTERNACK-PE45162 Datasheet
365Kb / 3P
SSMB Plug Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45163 PASTERNACK-PE45163 Datasheet
385Kb / 2P
N Female Connector Clamp - Solder Attachment 4 Hole Flange Mount for RG188-DS, RG316-DS, .718 inch Hole Spacing
More results

Similar Description - PE45160

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4400 PASTERNACK-PE4400 Datasheet
274Kb / 3P
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE4399 PASTERNACK-PE4399 Datasheet
294Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE45167 PASTERNACK-PE45167 Datasheet
413Kb / 3P
N Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE4401 PASTERNACK-PE4401 Datasheet
263Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4402 PASTERNACK-PE4402 Datasheet
259Kb / 3P
SMA Male Connector Solder Attachment For RG188-DS, RG316-DS
PE4407 PASTERNACK-PE4407 Datasheet
228Kb / 3P
SMA Male Right Angle Connector Clamp - Solder Attachment For RG188-DS, RG316-DS
PE4408 PASTERNACK-PE4408 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4415 PASTERNACK-PE4415 Datasheet
207Kb / 2P
SMA Female Connector Clamp - Solder Attachment For RG188-DS, RG316-DS
PE45174 PASTERNACK-PE45174 Datasheet
362Kb / 3P
TNC Male Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45032 PASTERNACK-PE45032 Datasheet
392Kb / 3P
10-32 Male Right Angle Connector Crimp - Solder Attachment for RG316-DS, RG188-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com