Electronic Components Datasheet Search
  English  ▼

X  

66012 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66012
Description  FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66012 Datasheet(HTML) 2 Page - Micropac Industries

  66012 Datasheet HTML 1Page - Micropac Industries 66012 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 28
66012
FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER
ELECTRICAL CHARACTERISTICS
Ta = -55°C to 125°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Current Transfer Ratio
CTR
300
300
200
1000
750
400
%
%
%
IF = 0.5mA, VO = 0.4V, VCC = 4.5V
IF = 1.6mA, VO = 0.4V, VCC = 4.5V
IF = 5.0mA, VO = 0.4V, VCC = 4.5V
1,2
1,2
1,2
Logic Low Output Voltage
VOL
0.1
0.2
0.4
0.4
V
V
IF = 0.5mA, IOL = 1.5mA, VCC = 4.5V
IF = 5.0mA, IOL = 10mA, VCC = 4.5V
1
Logic High Output Current
IOH
.005
250
µAIF = 2µA, VO = VCC = 18V
1,3
High Level Output Current
ICCH
.010
40
µAIF1 =IF2 =IF3 =IF4 = 0mA, VCC = 18V
Low Level Supply Current
ICCL
24
mA
IF1= IF2 = IF3 = IF4=1.6mA, VCC = 18V
Input Forward Voltage
VF
1.4
1.8
V
IF = 1.6mA
1
Input Reverse Breakdown Voltage
BVR
5V
IR = 10µA
1
Input-Output Insulation Leakage
Current
II—O
1.0
µA
VI—0 = 1500Vdc,
Relative Humidity = 45%
tA = 25°C, t = 5s
4
Propagation Delay Time To High
Output Level
tPLH
5
4
60
30
µs
µs
IF = 0.5mA, VCC = 5.0V, RL = 4.7kΩ
IF = 5mA, VCC = 5.0V, RL = 680kΩ
Propagation Delay Time To Low
Output Level
tPHL
8
2
100
10
µs
µs
IF = 0.5mA, VCC = 5.0V, RL = 4.7kΩ
IF = 5mA, VCC = 5.0V, RL = 680kΩ
TYPICAL CHARACTERISTICS Ta = 25°C, VCC = 5V Each Channel
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Capacitance
CIN
60
pF
VF = 0, f = MHz, ta = 25
°C1
Capacitance (Input-Output)
CI-O
1.5
pF
f = 1MHz, ta = 25
°C1, 5
Input Diode Temperature
Coefficient
∆vF
∆TA
-1.8
mV/°CIF = 1.6mA
1
Resistance (Input-Output)
RI-0
10
12
Ω
VI—O = 500V, ta = 25
°C1, 5
Resistance (Input-Input)
RI-I
10
12
Ω
VI—I = 500V, ta = 25
°C6
Input-Input Insulation Leakage
Current
II-I
0.5
nA
Relative Humidity = 45%
VI—I = 500V, t = 5s
6
Common Mode Transient immunity
at High Output Level
CMH
500
1000
V/µsVCM = 50V P-P ,VCC = 5.0V,
RL = 1.5kΩ, IF = OmA
7,9
Common Mode Transient Immunity
at Low Output Level
CML
500
1000
V/µsVCM = 50V P-P ,VCC = 5.0V,
RL = 1.5kΩ, IF = 1.6mA
8,9
NOTES:
1.
Each channel.
2.
CURRENT TRANSFER RATIO is defined as the ratio of output collector current, IO, to the forward LED input current., IF , times 100%.
3.
IF = 2µA for channel under test. For all other channels, IF = 10mA.
4.
Device considered a two-terminal device. Pins 1-6 and 16 are shorted together and pins 7-14 are shorted together.
5.
Measured between each input pair shorted together.
6.
Measured between adjacent pairs shorted together, i.e. between pins 1 and 2 shorted together and pins 3 and 4 shorted together, etc.
7.
CMH is the maximum tolerable common mode transient to assure that the output will remain in a high logic state (ie. VO > @.0V).
8.
CML is the maximum tolerable common mode transient to assure that the output will remain in a low logic state (ie. VO < 0.8V).
9.
In applications where dv/dt may exceed 50,000 V/µs (such as static discharge) a series resistor, RCC , should be included to protect the detector IC”s
from destructively high surge currents. The recommended value is RCC =
1V
= kΩ
0.6IF (mA)
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
02
µA
Input Current, High Level
IFH
0.5
5
mA
Supply Voltage
VCC
2.0
18
V
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66012-001
DSCC Dwg 8302401EX Quad Channel Optocoupler
66012-002
Quad Channel optocoupler, commercial, tested over full military temperature range (-55°C to +125°C)
66012-003
Quad Channel optocoupler, commercial (0° to +70°C)
66012-004
Quad Channel optocoupler, commercial (-40°C to +85°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com