Electronic Components Datasheet Search
  English  ▼

X  

PE45169 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45169
Description  MC-Card Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45169 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45169 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45169 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45169 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
MC-Card Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MC-Card Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS PE45169
URL: http://www.pasternack.com/mc-card-plug-rg188-ds-rg316-ds-connector-pe45169-p.aspx
PE45169
PE45169 REV 1.0
MC-Card Plug Connector Crimp/Solder
Attachment for RG188-DS, RG316-DS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com