Electronic Components Datasheet Search
  English  ▼

X  

PE45172 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45172
Description  N Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45172 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45172 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45172 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Female
Connector Interface Type
RG188-DS, RG316-DS
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
1.66 in [42.16 mm]
Width/Dia.
0.625 in [15.88 mm]
.
Weight
0.068 lbs [30.84 g]
Connector
Type
N Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
N Female Connector Crimp/Solder Attachment for RG188-DS, RG316-DS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Crimp/Solder Attachment for RG188-DS, RG316-DS PE45172
URL: http://www.pasternack.com/n-female-rg188-ds-rg316-ds-connector-pe45172-p.aspx
PE45172
PE45172 REV 1.0
N Female Connector Crimp/Solder Attachment
for RG188-DS, RG316-DS


Similar Part No. - PE45172

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4517 PASTERNACK-PE4517 Datasheet
106Kb / 1P
C MALE CRIMP ATTAHCHMENT FOR RG58
PE4517 PASTERNACK-PE4517 Datasheet
317Kb / 3P
C Male Connector Crimp/Solder Attachment
PE45170 PASTERNACK-PE45170 Datasheet
372Kb / 3P
10-32 Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45171 PASTERNACK-PE45171 Datasheet
385Kb / 3P
10-32 Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45173 PASTERNACK-PE45173 Datasheet
398Kb / 2P
N Female Bulkhead Mount Connector Clamp - Solder Attachment for RG188-DS, RG316-DS, .640 inch DD Hole
More results

Similar Description - PE45172

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4416 PASTERNACK-PE4416 Datasheet
85Kb / 1P
SMA FEMALE CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE4417 PASTERNACK-PE4417 Datasheet
111Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE45164 PASTERNACK-PE45164 Datasheet
391Kb / 2P
Banana Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE44877 PASTERNACK-PE44877 Datasheet
266Kb / 3P
N Female Bulkhead Connector Crimp-Solder Attachment For RG188-DS, RG316-DS
PE45167 PASTERNACK-PE45167 Datasheet
413Kb / 3P
N Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45190 PASTERNACK-PE45190 Datasheet
357Kb / 3P
MMCX Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45155 PASTERNACK-PE45155 Datasheet
356Kb / 3P
SMC Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45158 PASTERNACK-PE45158 Datasheet
386Kb / 3P
SMB Jack Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45175 PASTERNACK-PE45175 Datasheet
390Kb / 2P
TNC Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45171 PASTERNACK-PE45171 Datasheet
385Kb / 3P
10-32 Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com