Electronic Components Datasheet Search
  English  ▼

X  

PE45173 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45173
Description  N Female Bulkhead Mount Connector Clamp - Solder Attachment for RG188-DS, RG316-DS, .640 inch DD Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45173 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45173 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45173 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Female
Connector Interface Type
RG188-DS, RG316-DS
Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
1.67 in [42.42 mm]
Width/Dia.
0.8 in [20.32 mm]
.
Weight
0.11 lbs [49.9 g]
Connector
Type
N Female
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
N Female Bulkhead Mount Connector Clamp/Solder Attachment for RG188-DS, RG316-DS, .640 inch DD Hole from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead Mount Connector Clamp/Solder Attachment for RG188-DS, RG316-DS, .640
inch DD Hole PE45173
URL: http://www.pasternack.com/n-female-rg188-ds-rg316-ds-connector-pe45173-p.aspx
PE45173
PE45173 REV 1.0
N Female Bulkhead Mount Connector Clamp/Solder
Attachment for RG188-DS, RG316-DS, .640 inch DD Hole


Similar Part No. - PE45173

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4517 PASTERNACK-PE4517 Datasheet
106Kb / 1P
C MALE CRIMP ATTAHCHMENT FOR RG58
PE4517 PASTERNACK-PE4517 Datasheet
317Kb / 3P
C Male Connector Crimp/Solder Attachment
PE45170 PASTERNACK-PE45170 Datasheet
372Kb / 3P
10-32 Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45171 PASTERNACK-PE45171 Datasheet
385Kb / 3P
10-32 Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45172 PASTERNACK-PE45172 Datasheet
381Kb / 2P
N Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results

Similar Description - PE45173

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4399 PASTERNACK-PE4399 Datasheet
294Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE4417 PASTERNACK-PE4417 Datasheet
111Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE4424 PASTERNACK-PE4424 Datasheet
119Kb / 1P
SMA FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG188-DS &RG316-DS`
PE4426 PASTERNACK-PE4426 Datasheet
115Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE4442 PASTERNACK-PE4442 Datasheet
227Kb / 3P
N Female Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .640 inch DD Hole
PE44877 PASTERNACK-PE44877 Datasheet
266Kb / 3P
N Female Bulkhead Connector Crimp-Solder Attachment For RG188-DS, RG316-DS
PE45163 PASTERNACK-PE45163 Datasheet
385Kb / 2P
N Female Connector Clamp - Solder Attachment 4 Hole Flange Mount for RG188-DS, RG316-DS, .718 inch Hole Spacing
PE45172 PASTERNACK-PE45172 Datasheet
381Kb / 2P
N Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE4415 PASTERNACK-PE4415 Datasheet
207Kb / 2P
SMA Female Connector Clamp - Solder Attachment For RG188-DS, RG316-DS
PE45177 PASTERNACK-PE45177 Datasheet
419Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .480 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com