Electronic Components Datasheet Search
  English  ▼

X  

66015 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66015
Description  SINGLE CHANNEL OPTOCOUPLERS(REPLACEMENT FOR TIL 120, TIL 121)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66015 Datasheet(HTML) 2 Page - Micropac Industries

  66015 Datasheet HTML 1Page - Micropac Industries 66015 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 6
3N243
66015 3N244
SINGLE CHANNEL OPTOCOUPLER
3N245
ELECTRICAL CHARACTERISTICS
INPUT LED
TA = 25°C
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode Static Forward Voltage
3N243
3N244
3N245
VF
VF
VF
1.15
1.15
1.15
1.3
1.3
1.3
V
V
V
IF = 10mA
OUTPUT TRANSISTOR
TA = 25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Collector-Emitter Breakdown Voltage
3N243
3N244
3N245
V(BR)CEO
30
30
30
V
V
V
IC = 1mA, IF = 0
Collector-Emitter Dark Current
3N243
3N244
3N245
ID
100
100
100
nA
nA
nA
VCE = 10V, IF = 0mA
COUPLED CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
On State Collector Current
3N243
3N244
3N245
IC(ON)
1.5
3.0
6.0
mA
VCE = 10V, IF = 10mA
Collector-Emitter Saturation Voltage
3N243
3N244
3N245
VCE(SAT)
0.3
0.3
0.3
V
V
V
IF = 20mA, IC = 1.5mA
IF = 20mA, IC = 3mA
IF = 20mA, IC = 6mA
DC Isolation Voltage
3N243
3N244
3N245
Vdc
1000
1000
1000
V
V
V
Rise Time
3N243
3N244
3N245
tr
10
10
15
µs
VCC = 10V, IF = 10mA, RL = 100Ω
Fall Time
3N243
3N244
3N245
tf
10
10
15
µs
VCC = 10V, IF = 10mA, RL = 100Ω
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
01
µA
Input Current, High Level
IFH
10
20
mA
Supply Voltage
VCE
510
V
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66015-001
Single Channel 3N243 Optocoupler, commercial (0° to70°C)
66015-002
Single Channel 3N244 Optocoupler, commercial (0° to 70°C)
66015-003
Single Channel 3N245 Optocoupler, commercial (0° to 70°C)
66015-101
Single Channel 3N243 Optocoupler, Mil-temp with JTX screening
66015-102
Single Channel 3N244 Optocoupler, Mil-temp with JTX screening
66015-103
Single Channel 3N245 Optocoupler, Mil-temp with JTX screening



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com